Electronic Components Datasheet Search |
|
ISM91-2666CO-20.000 Datasheet(PDF) 1 Page - ILSI America LLC |
|
ISM91-2666CO-20.000 Datasheet(HTML) 1 Page - ILSI America LLC |
1 / 2 page 5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS ISM91 Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 06/09_B Specifications subject to change without notice Page 1 Pin Connection 1 Enable / Disable 2 Ground 3 Output 4 Vdd Dim ension Units: mm Recom m ended Pad Layout (Top View) Product Features: Applications: Low Jitter, Non-PLL Based Output Fibre Channel CMOS/TTL Compatible Logic Levels Server & Storage Compatible with Leadfree Processing Sonet /SDH 802.11 / Wifi T1/E1, T3/E3 System Clock NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise. * Not available at all frequencies. ** Not available for all temperature ranges. *** Frequency, supply, and load related parameters. Frequency 1 MHz to 170.000 MHz Output Level HC-MOS TTL ‘0’ = 0.1 Vcc Max., ‘1’ = 0.9 Vcc Min. ‘0’ = 0.4 VDC Max., ‘1’ = 2.4 VDC Min. Duty Cycle Specify 50% ±10% or ±5% See Table in Part Number Guide Rise / Fall Time 5 nS Max. @ Vcc = +3.3 VDC, 10 nS Max. @ Vcc = +5 VDC *** Output Load Fo < 50 MHz = 10 TTL, Fo > 50 MHz = 5 LSTTL See Table in Part Number Guide Frequency Stability See Frequency Stability Table (Includes room temperature tolerance and stability over operating temperature) Start-up Time 10 mS Max. Enable / Disable Time 100 nS Max. Supply Voltage See Input Voltage Table, tolerance ±5 % Current 70 mA Max. *** Operating See Operating Temperature Table in Part Number Guide Storage -55° C to +125° C Jitter: RMS(1sigma) 1 MHz-75 MHz 76 MHz-170 MHz 5 pS RMS (1 sigma) Max. accumulated jitter (20K adjacent periods) 3 pS RMS (1 sigma) Max. accumulated jitter (20K adjacent periods) Max Integrated 1 MHz-75 MHz 76 MHz-170 MHz 1.5 pS RMS (1 sigma -12KHz to 20MHz) 1 pS RMS (1 sigma -12KHz to 20MHz) Max Total Jitter 1 MHz-75 MHz 76 MHz-170 MHz 50 pS p-p (100K adjacent periods) 30 pS p-p (100K adjacent periods) Part Number Guide Sample Part Number: ISM91 - 3251BH - 20.000 Package Input Voltage Operating Temperature Symmetry (Duty Cycle) Output Stability (in ppm) Enable / Disable Frequency ISM91 - 5 = 5.0 V 1 = 0 ° C to +70° C 5 = 45 / 55 Max. 1 = 10TTL / 15 pF HC-MOS **E = ±10 H = Enable - 20.000 MHz 3 = 3.3 V 6 = -10 ° C to +70° C 6 = 40 / 60 Max. 5 = 50 pF HC-MOS (<40 MHz) **D = ±15 O = N/C 7 = 3.0 V 3 = -20 ° C to +70° C 6 = 30 pF **F = ±20 2 = 2.7 V 4 = -30 ° C to +75° C A = ±25 6 = 2.5 V 2 = -40 ° C to +85° C B = ±50 1 = 1.8 V* C = ±100 |
Similar Part No. - ISM91-2666CO-20.000 |
|
Similar Description - ISM91-2666CO-20.000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |