Electronic Components Datasheet Search |
|
74VHC4051 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
74VHC4051 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 11 page April 1994 Revised April 1999 © 1999 Fairchild Semiconductor Corporation DS011674.prf www.fairchildsemi.com 74VHC4051 • 74VHC4052 • 74VHC4053 8-Channel Analog Multiplexer • Dual 4-Channel Analog Multiplexer • Triple 2-Channel Analog Multiplexer General Description These multiplexers are digitally controlled analog switches implemented in advanced silicon-gate CMOS technology. These switches have low “on” resistance and low “off” leak- ages. They are bidirectional switches, thus any analog input may be used as an output and vice-versa. Also these switches contain linearization circuitry which lowers the “on” resistance and increases switch linearity. These devices allow control of up to ±6V (peak) analog signals with digital control signals of 0 to 6V. Three supply pins are provided for VCC, ground, and VEE. This enables the con- nection of 0–5V logic signals when VCC = 5V and an analog input range of ±5V when V EE = 5V. All three devices also have an inhibit control which when high will disable all switches to their off state. All analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to VCC and ground. VHC4051: This device connects together the outputs of 8 switches, thus achieving an 8 channel Multiplexer. The binary code placed on the A, B, and C select lines deter- mines which one of the eight switches is “on”, and con- nects one of the eight inputs to the common output. VHC4052: This device connects together the outputs of 4 switches in two sets, thus achieving a pair of 4-channel multiplexers. The binary code placed on the A, and B select lines determine which switch in each 4 channel sec- tion is “on”, connecting one of the four inputs in each sec- tion to its common output. This enables the implementation of a 4-channel differential multiplexer. VHC4053: This device contains 6 switches whose outputs are connected together in pairs, thus implementing a triple 2 channel multiplexer, or the equivalent of 3 single-pole- double throw configurations. Each of the A, B, or C select lines independently controls one pair of switches, selecting one of the two switches to be “on”. Features s Wide analog input voltage range: ±6V s Low “on” resistance: 50 typ. (VCC–VEE = 4.5V) 30 typ. (VCC–VEE = 9V) s Logic level translation to enable 5V logic with ±5V ana- log signals s Low quiescent current: 80 µA maximum s Matched switch characteristic s Pin and function compatible with the 74HC4051/ 4052/ 4053 Ordering Code: Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Order Number Package Number Package Description 74VHC4051M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow 74VHC4051WM M16B 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide 74VHC4051MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74VHC4051N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide 74VHC4052M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow 74VHC4052WM M16B 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide 74VHC4052MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74VHC4052N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide 74VHC4053M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow 74VHC4053WM M16B 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide 74VHC4053MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74VHC4053N N16E 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide |
Similar Part No. - 74VHC4051 |
|
Similar Description - 74VHC4051 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |