Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV638 Datasheet(PDF) 23 Page - YAMAHA CORPORATION

Part # YGV638
Description  a pattern graphic controller with an on-chip VRAM and the ample drawing performance enables high-resolution animated GUIs on WVGA display panels.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV638 Datasheet(HTML) 23 Page - YAMAHA CORPORATION

Back Button YGV638 Datasheet HTML 18Page - YAMAHA CORPORATION YGV638 Datasheet HTML 19Page - YAMAHA CORPORATION YGV638 Datasheet HTML 20Page - YAMAHA CORPORATION YGV638 Datasheet HTML 21Page - YAMAHA CORPORATION YGV638 Datasheet HTML 22Page - YAMAHA CORPORATION YGV638 Datasheet HTML 23Page - YAMAHA CORPORATION YGV638 Datasheet HTML 24Page - YAMAHA CORPORATION YGV638 Datasheet HTML 25Page - YAMAHA CORPORATION YGV638 Datasheet HTML 26Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Electrical Characteristics
YGV638
4GV638A21
23
·
Video Signal Interface
No.
Items
Symbol
Min.
Typ.
Max.
Unit
Note
1
DOTCLK: delay time
tdDOTC
26
2
VSYNC_N, HCSYNC_N, BLANK_N,
DRO7-0, DGO7-0, DBO7-0, LOADH,
STARTH, OUTENV: hold time
thDISP
0
3
VSYNC_N, HCSYNC_N, BLANK_N,
DRO7-0, DGO7-0, DBO7-0, LOADH,
STARTH, OUTENV: delay time
tdDISP
10
4
DVSIN_N, DHSIN_N, DRI7-2, DGI7-2,
DBI7-2: setup time
tsDI
4
5
DVSIN_N, DHSIN_N, DRI7-2, DGI7-2,
DBI7-2: hold time
thDI
1
6
AVSIN_N, AHSIN_N: setup time
tsDI
3
7
AVSIN_N, AHSIN_N: hold time
thDI
1
ns
DGCKIN or DTCKIN or XIN
DOTCLK
Outputs
tdDOTC
tdDISP
thDISP
tdDOTC
Note) the above figure shows the state that DOTCLK is not reversed.
Inputs
tsDI
thDI
DGCKIN
ARCKIN


Similar Part No. - YGV638

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV639 YAMAHA-YGV639 Datasheet
1Mb / 34P
   Video Controller 1 with Enhanced Functions
More results

Similar Description - YGV638

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
878B ETC2-878B Datasheet
1Mb / 8P
   40,000 counts resolution on primary and 10,000 counts resolution on secondary display
MVDANDS ETC2-MVDANDS Datasheet
164Kb / 2P
   Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
MVDANDL ETC2-MVDANDL Datasheet
164Kb / 2P
   Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
MVDPCWL ETC2-MVDPCWL Datasheet
164Kb / 2P
   Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
MVDPCWS ETC2-MVDPCWS Datasheet
164Kb / 2P
   Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
logo
NXP Semiconductors
MC68HC05P15 NXP-MC68HC05P15 Datasheet
3Mb / 62P
   The MC68HC05P15 is a 28-pin device based on the MC68HC05P5 with an on-chip analog voltage comparator and a two channel PWM.
Rev. 0.0
logo
List of Unclassifed Man...
830C ETC2-830C Datasheet
1Mb / 3P
   11,000-count resolution on primary display
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M66272FP MITSUBISHI-M66272FP Datasheet
78Kb / 4P
   LCD CONTROLLER with VRAM
logo
California Eastern Labs
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com