Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0630 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0630
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0630 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0630 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
(HCPL-06xx Option 060 Only)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 V rms
I-IV
for rated mains voltage ≤ 300 V rms
I-III
for rated mains voltage ≤ 600 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
567
V
peak
Input to Output Test Voltage, Method b*
V
IORM
x 1.875 = V
PR
, 100% Production Test with t
m
= 1 sec,
V
PR
1063
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM
x 1.5 = V
PR
, Type and Sample Test,
V
PR
851
V
peak
t
m
= 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage
(Transient Overvoltage, t
ini
= 10 sec)
V
IOTM
6000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure)
Case Temperature
T
S
150
°C
Input Current**
I
S,INPUT
150
mA
Output Power**
P
S,OUTPUT
600
mW
Insulation Resistance at T
S
, V
IO
= 500 V
R
S
≥109
:
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in applica-
tion.


Similar Part No. - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0630 HP-HCPL-0630 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-0630 HP-HCPL-0630 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0630 AVAGO-HCPL-0630 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-0630

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com