Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8952 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8952
Description  Mono ADC with Microphone Pre-amplifier
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8952 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8952 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
WM8952
Pre Production
w
PP, Rev 3.1, June 2011
50
Figure 27 Example Usage of MODE Pin to Generate a Clock Out in 3-wire Mode
This example shows how the MODE_GPIO register bit interfaces to the MODE pad in the case there
MODE is used as a GPIO output. When MODE_GPIO is set, the internal version of MODE is
overridden to high and the MODE pin output driver is enabled. The pull up, which is used to default
3-wire mode at start-up, is disabled as a power saving measure. MODE_GPIO cannot be set in 2-
wire mode - this would prevent correct operation of the control interface. Internal timing is arranged
to ensure that the override is in place before the pull-up is disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
GPIO
Control
7
MODE_GPIO
0
Selects MODE pin as a GPIO pin
0 = MODE is an input. MODE selects 2-
wire mode when low and 3-wire mode
when high.
1 = MODE can be an input or output
under the control of the GPIO control
register. Interface operates in 3-wire
mode regardless of what happens on the
MODE pin.
Table 40 Mode is GPIO Control
Auto-incremental writes are supported in 2 wire and 3 wire modes. This is enabled by default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
Control
Interface
1
AUTOINC
1
Auto-Incremental write enable
0=Auto-Incremental writes disabled
1=Auto-Incremental writes enabled
Table 41 Control Interface


Similar Part No. - WM8952

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8950 WOLFSON-WM8950 Datasheet
669Kb / 52P
   ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
   ADC with Microphone Input and Programmable Digital Filters
logo
Wolfson Microelectronic...
WM8950GEFL/RV WOLFSON-WM8950GEFL/RV Datasheet
669Kb / 52P
   ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8950GEFL/V WOLFSON-WM8950GEFL/V Datasheet
669Kb / 52P
   ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
   STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
More results

Similar Description - WM8952

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3800 FAIRCHILD-FAN3800 Datasheet
289Kb / 9P
   Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
FAN3852 ONSEMI-FAN3852 Datasheet
766Kb / 10P
   Microphone Pre-Amplifier with Digital Output
June, 2019 ??Rev. 3
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
Fairchild Semiconductor
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
   Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com