Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC393 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VHC393
Description  Dual 4-Bit Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC393 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC393 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC393 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SY10E016 8-BIT SYNCHRONOUS BINARY UP COUNTER 1  2  3  4  5  More Micrel Semiconductor
CD74AC283 4-Bit Binary Fill Adder With Fast Carry 1  2  3  4  5  More Texas Instruments
54F191 Up/Down Binary Counter with Preset and Ripple Clock 1  2  3  4  5  More National Semiconductor (TI)
MC10H171 Dual Binary to 1-4 Decoder Low 1  2  3  4  5  ON Semiconductor
MAX6639 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller 1  2  3  4  5  More Maxim Integrated Products
ADG787 2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch 1  2  3  4  5  More Analog Devices
MC100E210 5V ECL Dual 1:4 1:5 Differential Fanout Buffer 1  2  3  4  5  More ON Semiconductor
DS90LV049H High Temperature 3V LVDS Dual Line Driver and Receiver Pair 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn