Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCMR005.TXP Datasheet(PDF) 2 Page - Littelfuse

Part # CCMR005.TXP
Description  Class CC/CD CCMR Series FUSES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CCMR005.TXP Datasheet(HTML) 2 Page - Littelfuse

  CCMR005.TXP Datasheet HTML 1Page - Littelfuse CCMR005.TXP Datasheet HTML 2Page - Littelfuse CCMR005.TXP Datasheet HTML 3Page - Littelfuse CCMR005.TXP Datasheet HTML 4Page - Littelfuse CCMR005.TXP Datasheet HTML 5Page - Littelfuse CCMR005.TXP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
POWR-GARD® Fuse Datasheet
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
Rev: 032113
2 of 6
Class CC/CD CCMR seRies FUses
Electrical Specifications
oRDeRing
nUMbeR
aMpeRage
Rating
Voltage
Rating
inteRRUpting
Rating
UpC
Watts loss
at 100% RateD
CURRent (W)
Watts loss
at 80% RateD
CURRent (W)
total CleaRing
i2t (a2seC) 200 ka
agenCy
appRoVals
aC
DC
aC
DC
Ul
Csa RoHs
CCMR2.25TXP
2-1/4
600
300
200 kA
20 kA
07945896818
1.55
0.99
351
CCMR02.5TXP
2-1/2
600
300
200 kA
20 kA
07945896819
1.99
1.26
192
CCMR003.TXP
3
600
300
200 kA
20 kA
07945896821
1.55
1.02
286
CCMR004.TXP
4
600
300
200 kA
20 kA
07945896824
1.62
1.04
1870
CCMR005.TXP
5
600
250
200 kA
20 kA
07945896826
1.89
1.20
1060
CCMR6.25TXP
6-1/4
600
250
200 kA
20 kA
07945896829
1.72
1.08
797
CCMR07.5TXP
7-1/2
600
250
200 kA
20 kA
07945896831
1.72
1.09
983
CCMR008.TXP
8
600
250
200 kA
20 kA
07945896832
1.39
0.83
431
CCMR010.TXP
10
600
250
200 kA
20 kA
07945896834
1.49
0.90
1250
CCMR015.TXP
15
600
500
200 kA
20 kA
07945896836
1.77
1.03
1120
CCMR020.TXP
20
600
500
200 kA
20 kA
07945896838
2.3
1.39
918
CCMR030.TXP
30
600
500
200 kA
20 kA
07945896840
2.75
1.62
1790
Temperature Rerating Curve (Temperature of Air Immediately Surrounding Fuse)
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
140°C
-76°F
-40°F
-4°F
32°F
68°F
104°F
140°F
176°F
212°F
248°F
284°F
AMBIENT TEMPERATURE
60
40
20
0
0
20
40
60


Similar Part No. - CCMR005.TXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR005.TXP LITTELFUSE-CCMR005.TXP Datasheet
670Kb / 7P
   600 Vac
More results

Similar Description - CCMR005.TXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR_V01 Datasheet
657Kb / 8P
   CLASS CC/CD CCMR SERIES FUSES
Rev: 110321
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
   CCMR Series POWR-PRO CC Fuses
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
   CLASS CC KLKR SERIES FUSES
Rev: 062218
KLDR LITTELFUSE-KLDR Datasheet
780Kb / 5P
   CLASS CC KLDR SERIES FUSES
KLDR LITTELFUSE-KLDR_V01 Datasheet
447Kb / 10P
   Class CC Fuses KLDR Series
Rev: 092821
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
   Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com