Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ33A Datasheet(PDF) 6 Page - Protek Devices

Part # SMDJ33A
Description  3000 Watt TVS Comp onent
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDJ33A Datasheet(HTML) 6 Page - Protek Devices

  SMDJ33A Datasheet HTML 1Page - Protek Devices SMDJ33A Datasheet HTML 2Page - Protek Devices SMDJ33A Datasheet HTML 3Page - Protek Devices SMDJ33A Datasheet HTML 4Page - Protek Devices SMDJ33A Datasheet HTML 5Page - Protek Devices SMDJ33A Datasheet HTML 6Page - Protek Devices SMDJ33A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05413.R0 5/13
Page 6
SMDJ14A - SMDJ33CA
tAPe AnD Reel
oRDeRinG inFoRMAtion
bASe PARt nuMbeR
(Voltage = xx)
leADFRee SuFFiX
tAPe SuFFiX
Qty/Reel
Reel SiZe
tube Qty
SMDJxxA
N/A
-T13
3,000
13”
N/A
This device is only available in a Lead-Free configuration.
SPeCiFiCAtionS
Reel DiA.
tAPe
WiDth
A0
b0
k0
D
e
F
W
P0
P
tmax
330mm (13”)
16mm
6.05 ± 0.10 8.31 ± 0.10 2.54 ± 0.10 1.55 ± 0.05 1.75 ± 0.10 7.5 ± 0.10 16.00 ± 0.30 4.00 ± 0.10 8.00 ± 0.10
0.4
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T13 = 13” Reel - 3,000 pieces per 16mm tape.
4. Marking on Part - marking code (see page 2), date code, logo and cathode defined by polarity band.
User Direction of Feed
t
K0
A0
P
D
P0
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2


Similar Part No. - SMDJ33A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ33A ETC1-SMDJ33A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ33A FS-SMDJ33A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
SMDJ33A DGNJDZ-SMDJ33A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SMDJ33A CHENDA-SMDJ33A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
MDE Semiconductor, Inc.
SMDJ33A MDE-SMDJ33A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ33A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM25DF25K33 PROTEC-PAM25DF25K33 Datasheet
515Kb / 6P
   5000 watt TVS Comp onent
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
logo
Shanghai Leiditech Elec...
3KP6.5A LEIDITECH-3KP6.5A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP10A LEIDITECH-3KP10A Datasheet
344Kb / 3P
   3000 Watt Peak Power
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA Datasheet
2Mb / 27P
   3000 Watt AC/DC
logo
Shanghai Leiditech Elec...
3KP6.0A LEIDITECH-3KP6.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP5.0A LEIDITECH-3KP5.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
logo
Nanjing International G...
3KP5.0CA DGNJDZ-3KP5.0CA Datasheet
77Kb / 3P
   3000 Watt Peak Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com