Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC27 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHC27
Description  Triple 3-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC27 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC27 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC27 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/3 (per gate).
Symbol
Parameter
VCC
TA 25qC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
3.3
r 0.3
6.2
8.8
1.0
10.5
ns
CL 15 pF
tPLH
8.7
12.3
1.0
14.0
CL 50 pF
5.0
r 0.5
4.1
5.9
1.0
7.0
ns
CL 15 pF
5.6
7.9
1.0
9.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation
20
pF
(Note 5)
Capacitance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn