Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VHC245
Description  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC245 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC245 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Noise Characteristics
Note 3: Parameter guaranteed by design.
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLH max  tPLH min|; tOSHL |tPHL max  tPHL min|
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per Bit).
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.9
1.2
V
CL 50 pF
(Note 3)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
0.9
1.2
V
CL 50 pF
(Note 3)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL 50 pF
(Note 3)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL 50 pF
(Note 3)
Dynamic Input Voltage
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
5.8
8.4
1.0
10.0
ns
CL 15 pF
tPHL
Time
8.3
11.9
1.0
13.5
CL 50 pF
5.0
r 0.5
4.0
5.5
1.0
6.5
ns
CL 15 pF
5.5
7.5
1.0
8.5
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
8.5
13.2
1.0
15.5
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
11.0
16.7
1.0
19.0
CL 50 pF
5.0
r 0.5
5.8
8.5
1.0
10.0
ns
CL 15 pF
7.3
10.6
1.0
12.0
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
11.5
15.8
1.0
18.0
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
7.0
9.7
1.0
11.0
CL 50 pF
tOSLH
Output to Output
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
Skew
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
(T/R, OE)
CI/O
Output Capacitance
8
pF
VCC 5.0V
CPD
Power Dissipation
21
pF
(Note 5)
Capacitance


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn