Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC161284MEAX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC161284MEAX
Description  IEEE 1284 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC161284MEAX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC161284MEAX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 8Page - Fairchild Semiconductor 74VHC161284MEAX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 8: Open Drain
Note 9: tSKEW is measured for common edge output transitions and compares the measured propagation delay for a given path type.
(i) A1–A8 to B1–B8, A9–Y13 to Y9–Y13
(ii) B1–B8 to A1–A8
(iii) C14–C17 to A14–A17
Note 10: This parameter is guaranteed but not tested, characterized only.
Capacitance (Note 11)
Note 11: Capacitance is measured at frequency
1 MHz.
Symbol
Parameter
TA 40qC to 85qC
Units
Figure
Number
VCC 4.5V  5.5V
Min
Max
tPHL
A1–A8 to B1–B8
2.0
30.0
ns
Figure 1
tPLH
A1–A8 to B1–B8
2.0
30.0
ns
Figure 2
tPHL
B1–B8 to A1–A8
2.0
30.0
ns
Figure 3
tPLH
B1–B8 to A1–A8
2.0
30.0
ns
Figure 3
tPHL
A9–A13 to Y9–Y13
2.0
30.0
ns
Figure 1
tPLH
A9–A13 to Y9–Y13
2.0
30.0
ns
Figure 2
tPHL
C14–C17 to A14–A17
2.0
30.0
ns
Figure 3
tPLH
C14–C17 to A14–A17
2.0
30.0
ns
Figure 3
tSKEW
LH-LH or HL-HL
6.0
ns
(Note 9)
tPHL
PLHIN to PLH
2.0
30.0
ns
Figure 1
tPLH
PLHIN to PLH
2.0
30.0
ns
Figure 2
tPHL
HLHIN to HLH
2.0
30.0
ns
Figure 3
tPLH
HLHIN to HLH
2.0
30.0
ns
Figure 3
tPHZ
Output Disable Time
2.0
18.0
ns
Figure 7
tPLZ
DIR to A1–A8
2.0
18.0
tPZH
Output Enable Time
2.0
25.0
ns
Figure 8
tPZL
DIR to A1–A8
2.0
25.0
tPHZ
Output Disable Time
2.0
25.0
ns
Figure 9
tPLZ
DIR to B1–B8
2.0
25.0
tpEN
Output Enable Time
2.0
28.0
ns
Figure 2
HD to B1–B8, Y9–Y13
tpDis
Output Disable Time
2.0
28.0
ns
Figure 2
HD to B1–B8, Y9–Y13
tpEn–tpDis
Output Enable-Output Disable
20.0
ns
tSLEW
Output Slew Rate
tPLH
B1–B8, Y9–Y13
0.05
0.40
V/ns
Figure 5
tPHL
0.05
0.40
Figure 4
tr, tf
tRISE and tFALL
120
ns
Figure 6
B1–B8, Y9–Y13 (Note 8)
120
(Note 10)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
5
pF
VCC 0.0V (HD, DIR, A9—A13, C14—C17, PLHIN and HLHIN)
CI/O
I/O Pin Capacitance
12
pF
VCC 3.3V


Similar Part No. - 74VHC161284MEAX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
Toshiba Semiconductor
74VHC161FT TOSHIBA-74VHC161FT Datasheet
306Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
74VHC161FT TOSHIBA-74VHC161FT Datasheet
306Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
Fairchild Semiconductor
74VHC161M FAIRCHILD-74VHC161M Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
74VHC161MTC FAIRCHILD-74VHC161MTC Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
More results

Similar Description - 74VHC161284MEAX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
logo
List of Unclassifed Man...
GL640 ETC-GL640 Datasheet
1Mb / 39P
   IEEE-1284 to USB Bridge
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
   IEEE 1284 SPECIAL PRINTER CABLE
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
   IEEE 1284-Compatible Parallel Interface
logo
Assmann Electronics Inc...
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
   IEEE 1284 Bi-Directional Extension Cable
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com