Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC163 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VHC163
Description  4-Bit Binary Counter with Synchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC163 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC163 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
DS012122
www.fairchildsemi.com
September 1995
Revised February 2002
74VHC163
4-Bit Binary Counter with Synchronous Clear
General Description
The VHC163 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation.
The VHC163 is a high-speed synchronous modulo-16
binary counter. This device is synchronously presettable for
application in programmable dividers and has two types of
Count Enable inputs plus a Terminal Count output for ver-
satility in forming multistage counters. The CLK input is
active on the rising edge. Both PE and MR inputs are
active on low logic level. Presetting is synchronous to rising
edge of CLK and the Clear function of the VHC163 is syn-
chronous to CLK. Two enable inputs (ENP and ENT) and
Carry Output are provided to enable easy cascading of
counters, which facilitates easy implementation of n-bit
counters without using external gates.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High speed: fMAX = 185 MHz (typ) at VCC = 5V
s Low power dissipation: ICC = 4 µA (max) at TA = 25°C
s Synchronous counting and loading
s High-speed synchronous expansion
s High noise immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection is provided on all inputs.
s Low noise: VOLP = 0.8V (max)
s Pin and function compatible with 74HC163
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Order Number
Package Number
Package Description
74VHC163M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC163SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC163MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC163N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn