Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC163 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74VHC163
Description  4-Bit Binary Counter with Synchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC163 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC163 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC163 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Note 5: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(Note 5)
(V)
TA = 25°C
TA = −40°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
5.5
6.5
ns
(Pn–CP)
5.0
4.5
4.5
tS
Minimum Setup Time
3.3
8.0
9.5
ns
(PE –CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
7.5
9.0
ns
(CEP or CET–CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
4.0
4.0
ns
(MR –CP)
5.0
3.5
3.5
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(Pn–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(PE –CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(CEP or CET–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(MR –CP)
5.0
1.5
1.5
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
tW(H)
CP (Count)
5.0
5.0
5.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn