Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC161 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VHC161
Description  4-Bit Binary Counter with Asynchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC161 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC161 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC161 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2002 Fairchild Semiconductor Corporation
DS011635
www.fairchildsemi.com
August 1993
Revised February 2002
74VHC161
4-Bit Binary Counter with Asynchronous Clear
General Description
The VHC161 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation. The VHC161 is a high-speed synchronous modulo-
16 binary counter. This device is synchronously presettable
for application in programmable dividers and have two
types of Count Enable inputs plus a Terminal Count output
for versatility in forming synchronous multistage counters.
The VHC161 has an asynchronous Master Reset input that
overrides all other inputs and forces the outputs LOW. An
input protection circuit insures that 0V to 7V can be applied
to the input pins without regard to the supply voltage. This
device can be used to interface 5V to 3V systems and two
supply systems such as battery backup. This circuit pre-
vents device destruction due to mismatched supply and
input voltages.
Features
s High Speed:
fMAX = 185 MHz (typ) at TA = 25°C
s Synchronous counting and loading
s High-speed synchronous expansion
s Low power dissipation:
ICC = 4 µA (max) at TA = 25°C
s High noise immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection provided on all inputs
s Low noise: VOLP = 0.8V (max)
s Pin and function compatible with 74HC161
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Order Number
Package Number
Package Description
74VHC161M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC161SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC161MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC161N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn