Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC123AMTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC123AMTC
Description  Dual Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC123AMTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC123AMTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC123AMTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC123A Rev. 1.2
74VHC123A
Dual Retriggerable Monostable Multivibrator
Features
High Speed: tPD = 8.1ns (Typ.) at TA = 25°C
Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
Active State: ICC = 600µA (Max.) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Pin and function compatible with 74HC123A
General Description
The VHC123A is an advanced high speed CMOS
Monostable Multivibrator fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while main-
taining the CMOS low power dissipation. Each multi-
vibrator features both a negative, A, and a positive, B,
transition triggered input, either of which can be used as
an inhibit input. Also included is a clear input that when
taken low resets the one-shot. The VHC123A can be
triggered on the positive transition of the clear while A is
held low and B is held high. The output pulse width is
determined by the equation: PW
= (R
x)(Cx); where PW
is in seconds, R is in ohms, and C is in farads.
Limits for Rx and Cx are:
External capacitor, Cx: No limit
External resistors, Rx:VCC = 2.0V, 5 kΩ min
VCC > 3.0V, 1 kΩ min
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number.
Order Number
Package
Number
Package Description
74VHC123AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
74VHC123ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC123AMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74VHC123AMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123AMTC ONSEMI-74VHC123AMTC Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results

Similar Description - 74VHC123AMTC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com