Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC2105C Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC2105C
Description  512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2105C Datasheet(HTML) 5 Page - Motorola, Inc

  MPC2105C Datasheet HTML 1Page - Motorola, Inc MPC2105C Datasheet HTML 2Page - Motorola, Inc MPC2105C Datasheet HTML 3Page - Motorola, Inc MPC2105C Datasheet HTML 4Page - Motorola, Inc MPC2105C Datasheet HTML 5Page - Motorola, Inc MPC2105C Datasheet HTML 6Page - Motorola, Inc MPC2105C Datasheet HTML 7Page - Motorola, Inc MPC2105C Datasheet HTML 8Page - Motorola, Inc MPC2105C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MPC2105C
•MPC2106C
5
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
66, 67, 68, 69, 71, 72, 73,
74, 76, 77, 78, 80, 81, 82,
83, 155, 156, 157, 158,
160, 161, 162, 163, 165,
166, 167, 169, 170, 171
A0 – A28
Input
Address Inputs – (MSB:0, LSB:28).
62
ADDR0
Input
Least significant address bit when asynchronous Data RAMs are used.
151
ADDR1
Input
Next to least significant address bit when asynchronous Data RAMs are used.
64, 65
ADS0, ADS1
Input
Data RAM Address Strobe – For MPC2105C use ADS0 only. For MPC2106C
use ADS0, ADS1..
149
ALE
Input
Data RAM Address Latch Enable – Use for asynchronous Data RAM only.
172
BURSTMODE
Input
Burstmode. 0 = Linear, 1 = Interleaved.
59, 60
CG0,
CG1
Input
Data RAM Output Enables. – For MPC2105C use CG0 only. For MPC2106C
use CG0, CG1.
30, 56, 115, 144, 146
CLK0 – CLK4
Input
Clock Inputs – CLK2 is for Tag RAM, CLK0, 1, 3, and 4 are for Data RAMs only.
For MPC2106C use all the clocks. For MPC2105C use CLK0 – CLK2 only.
153, 154
CNTEN0,
CNTEN1
Input
Data RAM Count Enables – For MPC2105C use CNTEN0 only. For
MPC2106C use CNTEN0, CNTEN1.
98, 104, 110, 118,
126, 132, 138, 148
CWE0 – CWE7
Input
Data RAM Write Enables – (MSB:0, LSB:7).
4, 5, 6, 7, 10, 11, 12, 14,
16, 17, 19, 20, 22, 24, 25,
26, 27, 93, 94, 95, 96, 99,
100, 101, 103, 105, 106,
108, 109, 111, 113, 117
DH0 – DH31
I/O
High Data Bus – (MSB:0, LSB:31).
88
DIRTYIN
Input
Dirty input bit.
177
DIRTYOUT
Output
Dirty output bit.
32, 33, 34, 37, 38, 39, 40, 43,
44, 45, 47, 49, 50, 52, 53, 54,
119, 120, 122, 123, 124, 127,
128, 129, 131, 133, 134, 136,
137, 139, 141, 142
DL0 – DL31
I/O
Low Data Bus – (MSB:0, LSB:31).
9, 15, 21, 28, 35, 42, 48, 58
DP0 – DP7
I/O
Data Parity Bits – (MSB:0, LSB:7)
86
MATCH
Output
Tag RAM active high match indication.
2
PD0/IDSCLK
Input
Presence detect bit 0/EEPROM serial clock. (EEPROM option only).
91
PD1/IDSDATA
I/O
Presence detect bit 1/EEPROM serial data. (EEPROM option only).
3, 92
PD2, PD3
Output
Presence detect bits.
63, 152
RESERVED
Reserved pin.
176
STANDBY
Input
Standby pin. Reduces standby power consumption.
85
TCLR
Input
Tag RAM clear.
87
TG
Input
Tag RAM output enable.
175
TWE
Input
Tag RAM write enable.
174
VALIDIN
Input
Tag RAM valid bit.
18, 36, 84, 107, 125, 173
VCC
Input
+ 5 V power supply. Must be connected.
8, 23, 51, 61, 75, 97,
112, 140, 150, 164
VDD
Input
+ 3.3 V power supply. Must be connected.
1, 13, 29, 31, 41, 46, 55, 57,
70, 79, 89, 90, 102, 114,
116, 121, 130, 135, 143,
145, 147, 159, 168, 178
VSS
Input
Ground.


Similar Part No. - MPC2105C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105ASG66 MOTOROLA-MPC2105ASG66 Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105BSG66 MOTOROLA-MPC2105BSG66 Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105PDG66 MOTOROLA-MPC2105PDG66 Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105SG66 MOTOROLA-MPC2105SG66 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2105C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com