Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VHC125 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHC125
Description  Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC125 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC125 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC125 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH |tPLHmax  tPLHmin|; tOSHL |tPHLmax  tPHLmin|.
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (OPR.) CPD * VCC * fIN  ICC/4 (per bit).
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
5.6
8.0
1.0
9.5
ns
CL 15 pF
tPHL
Time
8.1
11.5
1.0
13.0
CL 50 pF
5.0
r 0.5
3.8
5.5
1.0
6.5
ns
CL 15 pF
5.3
7.5
1.0
8.5
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
5.4
8.0
1.0
9.5
ns
RL 1 k: CL 15 pF
tPZH
Enable Time
7.9
11.5
1.0
13.0
CL 50 pF
5.0
r 0.5
3.6
5.1
1.0
6.0
ns
CL 15 pF
5.1
7.1
1.0
8.0
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
9.5
13.2
1.0
15.0
ns
RL 1 k: CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
6.1
8.8
1.0
10.0
CL 50 pF
tOSLH
Output to Output Skew
3.3
r 0.3
1.5
1.5
ns
(Note 5)
CL 50 pF
tOSHL
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
6
pF
VCC 5.0V
CPD
Power Dissipation
14
pF
(Note 6)
Capacitance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn