Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 14 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier IRAM136-0760A2 Datasheet HTML 11Page - International Rectifier IRAM136-0760A2 Datasheet HTML 12Page - International Rectifier IRAM136-0760A2 Datasheet HTML 13Page - International Rectifier IRAM136-0760A2 Datasheet HTML 14Page - International Rectifier IRAM136-0760A2 Datasheet HTML 15Page - International Rectifier IRAM136-0760A2 Datasheet HTML 16Page - International Rectifier IRAM136-0760A2 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IRAM136-0760A
Figure 11. Switching Parameter Definitions
50%
H
IN /LIN
V
CE
I
C
H
IN /LIN
TOFF
t
f
90% I
C
10% IC
50%
V
CE
V
CE
H
IN /LIN
I
C
50%
H
IN /LIN
90% IC
TON
tr
10% IC
50%
V
CE
Figure 11a. Input to Output propagation turn-on
delay time.
Figure 11b. Input to Output propagation turn-off
delay time.
V
CE
H
IN/LIN
I
F
t
rr
I
rr
Figure 11c. Diode Reverse Recovery.
14
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn