Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 13 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier IRAM136-0760A2 Datasheet HTML 11Page - International Rectifier IRAM136-0760A2 Datasheet HTML 12Page - International Rectifier IRAM136-0760A2 Datasheet HTML 13Page - International Rectifier IRAM136-0760A2 Datasheet HTML 14Page - International Rectifier IRAM136-0760A2 Datasheet HTML 15Page - International Rectifier IRAM136-0760A2 Datasheet HTML 16Page - International Rectifier IRAM136-0760A2 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IRAM136-0760A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
Therm istor Tem perature - °C
Max
Avg.
Min
Figure 9. Thermistor Readout vs. Temperature (47kohm pull-up resistor, 5V) and
Normal Thermistor Resistance values vs. Temperature Table.
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
0
5
10
15
20
PWM Frequency - kHz
10 F
3.3 F
2.2 F
6.8 F
1.5 F
4.7 F
Figure 10. Recommended Bootstrap Capacitor Value vs. Switching Frequency
www.irf.com
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn