Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 12 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier IRAM136-0760A2 Datasheet HTML 11Page - International Rectifier IRAM136-0760A2 Datasheet HTML 12Page - International Rectifier IRAM136-0760A2 Datasheet HTML 13Page - International Rectifier IRAM136-0760A2 Datasheet HTML 14Page - International Rectifier IRAM136-0760A2 Datasheet HTML 15Page - International Rectifier IRAM136-0760A2 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IRAM136-0760A
40
60
80
100
120
140
160
01
2
3
45
Output Phase Current - A
RMS
F
PWM = 12kHz
F
PWM = 16kHz
F
PWM = 20kHz
Figure 7. Maximum Allowable Case Temperature vs. Output RMS Current per Phase
Sinusoidal Modulation, V
+=400V, T
J=150°C, MI=0.8, PF=0.6, fmod=50Hz
105
90
100
110
120
130
140
150
160
65
70
75
80
85
90
95
100
105
110
115
Internal Therm istor Tem perature Equivalent Read Out - °C
T
J avg = 1.2 x TTherm + 21
Figure 8. Estimated Maximum IGBT Junction Temperature vs. Thermistor Temperature
Sinusoidal Modulation, V+=400V, Iphase=5Arms, fsw=16kHz, fmod=50Hz, MI=0.8, PF=0.6
12
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn