Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 10 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier IRAM136-0760A2 Datasheet HTML 11Page - International Rectifier IRAM136-0760A2 Datasheet HTML 12Page - International Rectifier IRAM136-0760A2 Datasheet HTML 13Page - International Rectifier IRAM136-0760A2 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IRAM136-0760A
0
1
2
3
4
5
6
7
8
4
6
8
1012
1416
18
PWM Sw itching Frequency - kHz
20
T
C = 80º C
T
C = 90º C
T
C = 100º C
Figure 3. Maximum Sinusoidal Phase Current vs. PWM Switching Frequency
Sinusoidal Modulation, V
+=400V, T
J=150°C, MI=0.8, PF=0.6, fmod=100Hz
0
1
2
3
4
1
10
100
Modulation Frequency - Hz
F
PWM = 12kHz
F
PWM = 16kHz
F
PWM = 20kHz
Figure 4. Maximum Sinusoidal Phase Current vs. Modulation Frequency
Sinusoidal Modulation, V
+=400V, T
J=150°C, TC=100°C, MI=0.8, PF=0.6
10
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn