Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 1 Page - International Rectifier

  IRAM136-0760A2 Datasheet HTML 1Page - International Rectifier IRAM136-0760A2 Datasheet HTML 2Page - International Rectifier IRAM136-0760A2 Datasheet HTML 3Page - International Rectifier IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PD-97333 RevA
IRAM136-0760A
Series
5A, 600V
Integrated Power Hybrid IC for
Appliance Motor Drive Applications
with Open Emitter Pins
Description
International Rectifier's IRAM136-0760A is a 5A, 600V Integrated Power Hybrid IC with Open Emitter pins
for advanced Appliance Motor Drives applications such as energy efficient Washing Machine and Refrigerator
Compressor Drivers. IR's technology offers an extremely compact, high performance AC motor-driver in a
single isolated package to simplify design.
This advanced HIC is a combination of IR's low VCE (on) Trench IGBT technology and the industry benchmark
3 phase high voltage, high speed driver (3.3V compatible) in a fully isolated thermally enhanced package. A
built-in high precision temperature monitor and over-current protection feature, along with the short-circuit
rated IGBTs and integrated under-voltage lockout function, deliver high level of protection and fail-safe
operation. Using a Single in line package (SIP05) with full transfer mold structure and CTI>600 minimizes
PCB space and resolves isolation problems to heatsink.
Features
x Integrated gate drivers and bootstrap diodes
x Temperature monitor
x Protection shutdown pin
x Low VCE (on) Trench IGBT technology
x Undervoltage lockout for all channels
x Matched propagation delay for all channels
x 3.3V Schmitt-triggered input logic
x Cross-conduction prevention logic
x Lower di/dt gate driver for better noise immunity
x Motor Power range 0.1~0.5kW / 85~253 Vac
x Isolation 2000VRMS min and CTI> 600
Absolute Maximum Ratings
VCES / VRRM
IGBT/ FW Diode Blocking Voltage
600
V
+
Positive Bus Input Voltage
450
Io @ TC=25°C
RMS Phase Current (Note 1)
5
Io @ TC=100°C
RMS Phase Current (Note 1)
3.5
Ipk
Maximum Peak Phase Current (Note 2)
5.5
Fp
Maximum PWM Carrier Frequency
20
kHz
Pd
Maximum Power dissipation per IGBT @ TC =25°C
18
W
VISO
Isolation Voltage (1min)
2000
VRMS
TJ (IGBT & Diode & IC)
Maximum Operating Junction Temperature
+150
TC
Operating Case Temperature Range
-20 to +100
TSTG
Storage Temperature Range
-40 to +125
T
Mounting torque Range (M3 screw)
0.8 to 1.0
Nm
Note 1: Sinusoidal Modulation at V
+=320V, T
J=150°C, FPWM=16kHz, Modulation Depth=0.8, PF=0.6, See Figure 3.
Note 2: tP<100ms, TC=25°C, FPWM=16kHz.
V
A
°C
www.irf.com
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn