Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 8 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier IRAM136-0760A2 Datasheet HTML 11Page - International Rectifier IRAM136-0760A2 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IRAM136-0760A
Module Pin-Out Description
Pin
Name
Description
1
VB3
High Side Floating Supply Voltage 3
2
W,VS3
Output 3 - High Side Floating Supply Offset Voltage
3na
none
4na
none
5
VB2
High Side Floating Supply voltage 2
6
V,VS2
Output 2 - High Side Floating Supply Offset Voltage
7na
none
8na
none
9
VB1
High Side Floating Supply voltage 1
10
U,VS1
Output 1 - High Side Floating Supply Offset Voltage
11
na
none
12
na
none
13
V
+
Positive Bus Input Voltage
14
na
none
15
na
none
16
ITRIP
Current Protection Pin
17
VRU
Low Side Emitter Connection - Phase 1
18
FLT/EN
Fault Output and Enable Pin
19
VRV
Low Side Emitter Connection - Phase 2
20
HIN1
Logic Input High Side Gate Driver - Phase 1
21
VRW
Low Side Emitter Connection - Phase 3
22
HIN2
Logic Input High Side Gate Driver - Phase 2
23
HIN3
Logic Input High Side Gate Driver - Phase 3
24
LIN1
Logic Input Low Side Gate Driver - Phase 1
25
LIN2
Logic Input Low Side Gate Driver - Phase 2
26
LIN3
Logic Input Low Side Gate Driver - Phase 3
27
VTH
Temperature Feedback
28
VCC
+15V Main Supply
29
VSS
Negative Main Supply
8
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn