Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 6 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRAM136-0760A2 Datasheet HTML 2Page - International Rectifier IRAM136-0760A2 Datasheet HTML 3Page - International Rectifier IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier IRAM136-0760A2 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRAM136-0760A
Thermal and Mechanical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
Rth(J-C)
Thermal resistance, per IGBT
---
6.4
7.0
Rth(J-C)
Thermal resistance, per Diode
---
9.0
9.9
Rth(C-S)
Thermal resistance, C-S
---
0.1
---
CD
Creepage Distance, from pins to
backside of module
3.2
---
---
mm
See outline Drawings
CTI
Comparative Tracking Index
600
---
---
V
Inverter Operating Condition
Flat, greased surface. Heatsink
compound thermal conductivity
1W/mK
°C/W
Internal NTC - Thermistor Characteristics
Parameter
Definition
Min
Typ
Max
Units Conditions
R25
Resistance
97
100
103
k
TC = 25°C
R125
Resistance
2.25
2.52
2.80
k
TC = 125°C
B
B-constant (25-50°C)
4165
4250
4335
k
R2 = R1e
[B(1/T2 - 1/T1)]
Temperature Range
-40
125
°C
Typ. Dissipation constant
---
1
---
mW/°C TC = 25°C
Input-Output Logic Level Table
FLT/EN
ITRIP
HIN1,2,3
LIN1,2,3
U,V,W
1010
V+
10010
1000
Off
1011
Off
11
X
X
Off
0
XXX
Off
6
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn