Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 5 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 5 Page - International Rectifier

  IRAM136-0760A2 Datasheet HTML 1Page - International Rectifier IRAM136-0760A2 Datasheet HTML 2Page - International Rectifier IRAM136-0760A2 Datasheet HTML 3Page - International Rectifier IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IRAM136-0760A
Static Electrical Characteristics Driver Function @ TJ= 25°C
Symbol
Definition
Min
Typ
Max
Units
VIN,th+
Positive going input threshold for LIN, HIN, FLT/EN
2.5
---
---
V
VIN,th-
Negative going input threshold for LIN, HIN, FLT/EN
---
---
0.8
V
VCCUV+, VBSUV+
VCC and VBS supply undervoltage, Positive going threshold
10.6
11.1
11.6
V
VCCUV-, VBSUV-
VCC and VBS supply undervoltage, Negative going threshold
10.4
10.9
11.4
V
VCCUVH, VBSUVH
VCC and VBS supply undervoltage lock-out hysteresis
---
0.2
---
V
IQBS
Quiescent VBS supply current
---
---
120
μA
IQCC
Quiescent VCC supply current
---
---
4
mA
ILK
Offset Supply Leakage Current
---
---
50
μA
IIN+
Input bias current VIN=3.3V for LIN, HIN, FLT/EN
---
100
195
μA
IIN-
Input bias current VIN=0V for LIN, HIN, FLT/EN
-1
--
---
μA
ITRIP+
ITRIP bias current VT/ITRIP=3.3V
---
3.3
6
μA
ITRIP-
ITRIP bias current VT/ITRIP=0V
-1
---
---
μA
V(ITRIP)ITRIP threshold Voltage
0.44
0.49
0.54
V
V(ITrip, HYS)
ITRIP Input Hysteresis
---
0.07
---
V
Ron_FLT
Fault low on resistance
---
50
100
VBIAS (VCC, VBS1,2,3)=15V, unless otherwise specified. The VIN and IIN parameters are referenced to COM and are
applicable to all six channels. (Note 3)
Dynamic Electrical Characteristics @ TJ= 25°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
TON
Input to Output propagation turn-
on delay time (see fig.11)
---
0.7
---
μs
TOFF
Input to Output propagation turn-
off delay time (see fig. 11)
---
0.7
---
μs
TFILIN
Input filter time (HIN,LIN,FLT/EN)
100
200
---
ns
VIN=0 or VIN=5V
TEN
EN to output propagation delay
300
450
600
ns
VIN=0 or VIN=5V, VEN=0
TFLT
ITRIP to Fault propagation delay
400
600
800
ns
VIN=0 or VIN=5V, VITRIP=5V
TBLT-ITRIP
ITRIP Blanking Time
100
150
---
ns
VIN=0 or VIN=5V, VITRIP=5V
TITRIP
ITRIP to six switch turn-off
propagation delay (see fig. 2)
---
---
1.75
μs
IC=3.5A, V
+=300V
DT
Dead Time
220
290
360
ns
VIN=0 or VIN=5V
MT
Matching Propagation Delay Time
(On & Off) all channels
---
40
75
ns
External dead time> 400ns
TFLT-CLR
FAULT clear time (see fig. 2)
---
1.7
---
ms
TC = 25°C
IC=3.5A, V
+=300V
Driver only timing unless otherwise specified.
www.irf.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn