Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAM136-0760A2 Datasheet(PDF) 3 Page - International Rectifier

Part # IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 3 Page - International Rectifier

  IRAM136-0760A2 Datasheet HTML 1Page - International Rectifier IRAM136-0760A2 Datasheet HTML 2Page - International Rectifier IRAM136-0760A2 Datasheet HTML 3Page - International Rectifier IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRAM136-0760A
Absolute Maximum Ratings (Continued)
Symbol
Parameter
Min
Max
Units Conditions
PBR Peak
Bootstrap Resistor Peak Power
(Single Pulse)
---
15.0
W
tP=100μs, TC =100°C
ESR / ERJ series
VS1,2,3
High side floating supply offset
voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High side floating supply voltage
-0.3
600
V
VCC
Low Side and logic fixed supply
voltage
-0.3
20
V
VIN
Input voltage LIN, HIN, ITrip
-0.3
Lower of
(VSS+15V) or
VCC+0.3V
V
Inverter Section Electrical Characteristics @TJ= 25°C
Symbol
Parameter
Min
Typ
Max
Units Conditions
V(BR)CES
Collector-to-Emitter Breakdown
Voltage
600
---
---
V
VIN=0V, IC=250μA
V(BR)CES / T
Temperature Coeff. Of
Breakdown Voltage
---
0.3
---
V/°C
VIN=0V, IC=250μA
(25°C - 150°C)
---
1.7
2.0
IC=3.5A
TJ=25°C, VCC=15V
---
2.1
---
IC=3.5A
TJ=150°C
---
5
80
VIN=0V, V
+=600V
---
80
---
VIN=0V, V
+=600V, T
J=150°C
--
1.6
2.3
IF=3.5A
---
1.4
---
IF=3.5A, TJ=150°C
RBR
Bootstrap Resistor Value
---
22
---
TJ=25°C
RBR/RBR
Bootstrap Resistor Tolerance
---
---
±5
%
TJ=25°C
VFM
Diode Forward Voltage Drop
V
A
1.2
---
ICES
Zero Gate Voltage Collector
Current
VCE(ON)
Collector-to-Emitter Saturation
Voltage
V
IF=1A
VBDFM
Bootstrap Diode Forward Voltage
Drop
V
--
www.irf.com
3


Similar Part No. - IRAM136-0760A2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAM136-0760A2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
logo
Alpha & Omega Semicondu...
AOD5B60D AOSMD-AOD5B60D Datasheet
686Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOB5B60D AOSMD-AOB5B60D Datasheet
598Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOT5B60D AOSMD-AOT5B60D Datasheet
643Kb / 9P
   600V, 5A Alpha IGBT with Diode
AOTF5B60D AOSMD-AOTF5B60D Datasheet
659Kb / 9P
   600V, 5A Alpha IGBT with Diode
logo
Shindengen Electric Mfg...
KC5FB60HR SHINDENGEN-KC5FB60HR Datasheet
1Mb / 7P
   Thyristors 600V, 5A
logo
Vincotech
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
logo
Renesas Technology Corp
RJH60A01RDPD-A0 RENESAS-RJH60A01RDPD-A0_15 Datasheet
162Kb / 9P
   600V - 5A - IGBT
logo
Shindengen Electric Mfg...
KD5SF60 SHINDENGEN-KD5SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com