Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRAM136-0760A2 Datasheet(PDF) 2 Page - International Rectifier

Part No. IRAM136-0760A2
Description  5A, 600V with Open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-0760A2 Datasheet(HTML) 2 Page - International Rectifier

  IRAM136-0760A2 Datasheet HTML 1Page - International Rectifier IRAM136-0760A2 Datasheet HTML 2Page - International Rectifier IRAM136-0760A2 Datasheet HTML 3Page - International Rectifier IRAM136-0760A2 Datasheet HTML 4Page - International Rectifier IRAM136-0760A2 Datasheet HTML 5Page - International Rectifier IRAM136-0760A2 Datasheet HTML 6Page - International Rectifier IRAM136-0760A2 Datasheet HTML 7Page - International Rectifier IRAM136-0760A2 Datasheet HTML 8Page - International Rectifier IRAM136-0760A2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRAM136-0760A
Internal Electrical Schematic – IRAM136-0760A
V+ (13)
VRU (17)
VRV (19)
VRW (21)
U, VS1 (10)
V, VS2 (6)
W, VS3 (2)
23 VS1
24 HO1
25 VB1
1 VCC
2 HIN1
3 HIN2
4 HIN3
LIN1
5
LIN2
6
LIN3
7
F
8
ITRIP
9
EN
10
RCIN
11
VSS
12
COM 13
LO1 16
LO3 14
LO2 15
22
VB2
21
HO2
20
VS2
19
VB3
18
HO3
17
VS3
Driver IC
VB1 (9)
VB2 (5)
VB3 (1)
HIN1 (20)
HIN2 (22)
HIN3 (23)
LIN1 (24)
LIN2 (25)
LIN3 (26)
ITRIP (16)
FLT/EN (18)
VTH (27)
VCC (28)
VSS (29)
Q1
Q4
Q2
Q3
Q5
Q6
D1
D4
D2
D3
D5
D6
R1
R4
R2
R3
R5
R6
R9
R8
R7
D7 D8 D9
C1
C2
C3
C4
C5
2
www.irf.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn