Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5626-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5626-RC
Description  High Current Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5626-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5626-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
22.6
High Current Chokes
Special Features
• Very high current capacity
• Low DCR
• Ferrite bobbin core
• VW-1 rated shrink tubing to cover winding
• Fixed lead spacing
• Operating temperature -55 to +105 °C
Notes
* Current to cause 5 % max. inductance
drop or 35 °C max. temperature rise
5600 Series
Part
Number
L (µH)
±10 %
@ 1 KHz
DCR
Max.
I, DC*
(A)
Dim.
A
Max.
Dim.
B
Max.
Dim.
C
±.06
Dim.
D
±. 005
5601-RC
5
0.007
15
0.83
0.91
0.59
0.065
5602-RC
10
0.008
14
0.83
0.91
0.60
0.065
5603-RC
25
0.023
8
0.83
0.91
0.57
0.042
5604-RC
50
0.034
6.6
0.83
0.91
0.65
0.042
5605-RC
100
0.072
4.5
0.83
0.91
0.69
0.042
5606-RC
250
0.173
2.9
0.83
0.91
0.65
0.042
5607-RC
500
0.378
2
0.83
0.91
0.68
0.042
5608-RC
1000
0.801
1.3
0.83
0.91
0.66
0.042
5609-RC
2500
2.040
.85
0.83
0.91
0.71
0.042
5610-RC
5
0.005
20
1.22
1.11
0.94
0.082
5611-RC
10
0.006
17
1.22
1.11
0.95
0.082
5612-RC
25
0.009
14
1.22
1.11
0.93
0.082
5613-RC
50
0.017
10
1.22
1.11
0.99
0.065
5614-RC
100
0.034
7
1.22
1.11
0.85
0.053
5615-RC
250
0.083
4.6
1.22
1.11
0.97
0.053
5616-RC
500
0.129
3.7
1.22
1.11
1.12
0.053
5617-RC
1000
0.279
2.5
1.22
1.11
1.05
0.053
5618-RC
2500
0.690
1.6
1.22
1.11
1.05
0.053
5619-RC
50
0.012
14
1.50
1.11
1.23
0.082
5620-RC
100
0.027
9.8
1.50
1.11
1.12
0.065
5621-RC
250
0.059
6.4
1.50
1.11
1.10
0.053
5622-RC
500
0.090
5
1.50
1.11
1.14
0.053
5623-RC
1000
0.195
3.5
1.50
1.11
1.36
0.053
5624-RC
2500
0.499
2.2
1.50
1.11
1.32
0.053
5625-RC
5000
1.080
1.5
1.50
1.11
1.27
0.053
5626-RC
100
0.018
14
1.50
1.50
1.18
0.082
5627-RC
250
0.040
9
1.50
1.50
1.12
0.065
5628-RC
500
0.085
6.5
1.50
1.50
1.06
0.053
5629-RC
1000
0.183
4.4
1.50
1.50
1.23
0.053
5630-RC
2500
0.464
2.8
1.50
1.50
1.21
0.053
5631-RC
5000
0.714
2.2
1.50
1.50
1.63
0.053
5632-RC
10,000
1.560
1.5
1.62
1.50
1.25
0.053
1.0
D (Dia)
C
Lead tinned to
Within 1/8" of body
A
B
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Similar Part No. - 5626-RC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
562636 FESTO-562636 Datasheet
72Kb / 1P
   Axial kit
1/16/23
562637 FESTO-562637 Datasheet
70Kb / 1P
   Axial kit
1/16/23
562640 FESTO-562640 Datasheet
72Kb / 1P
   Axial kit
1/16/23
562641 FESTO-562641 Datasheet
71Kb / 1P
   Axial kit
1/16/23
562644 FESTO-562644 Datasheet
75Kb / 1P
   Axial kit
1/16/23
More results

Similar Description - 5626-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5521 BOURNS-5521 Datasheet
469Kb / 1P
   High Current Chokes
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
   High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
   High Current Chokes
logo
EPCOS
ERU25 EPCOS-ERU25 Datasheet
293Kb / 3P
   High-Current Chokes
logo
Bourns Electronic Solut...
5618 BOURNS-5618 Datasheet
428Kb / 1P
   High Current Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
   HIGH CURRENT RF CHOKES
logo
RCD COMPONENTS INC.
HL9ER-1R0JBW RCD-HL9ER-1R0JBW Datasheet
47Kb / 1P
   HIGH CURRENT POWER CHOKES
logo
Allied Components Inter...
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC Datasheet
876Kb / 1P
   Radial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
   Axial High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com