Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5523-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5523-RC
Description  High Current Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5523-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5523-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22.5
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
High Current Chokes
5500 Series
Part
Number
L (µH)
±20 %
@ 1 KHz
DCR
Max.
I, DC*
(A)
Dim.
A
Max.
Dim.
B
Max.
Dim.
C
±.06
Dim.
D
±. 005
5501-RC
5
0.013
10
0.88
0.63
0.50
0.042
5502-RC
10
0.017
9
1.12
0.63
0.69
0.042
5503-RC
27
0.030
7
0.88
0.81
0.44
0.042
5504-RC
50
0.045
5.6
0.88
0.81
0.75
0.042
5505-RC
100
0.061
4.9
1.12
0.81
0.94
0.042
5506-RC
150
0.069
4.6
1.38
0.81
1.06
0.042
5507-RC
250
0.089
4
1.62
0.81
1.31
0.042
5508-RC
5
0.009
14
0.88
0.64
0.75
0.053
5509-RC
10
0.012
12
1.12
0.64
1.00
0.053
5510-RC
27
0.022
9
0.88
0.88
0.56
0.053
5511-RC
50
0.028
8
1.12
0.88
0.75
0.053
5512-RC
68
0.034
7.3
1.12
0.88
0.88
0.053
5513-RC
100
0.038
6.8
1.38
0.88
1.00
0.053
5514-RC
150
0.046
6.3
1.62
0.88
1.25
0.053
5515-RC
5
0.006
19
1.12
0.69
0.81
0.065
5516-RC
10
0.008
16
1.38
0.69
1.22
0.065
5517-RC
27
0.014
12.5
1.12
0.94
0.69
0.065
5518-RC
50
0.020
10.5
1.38
0.94
0.94
0.065
5519-RC
68
0.023
10
1.38
0.94
1.12
0.065
5520-RC
100
0.027
10
1.62
0.94
1.31
0.065
5521-RC
5
0.004
23
1.38
0.72
0.94
0.082
5522-RC
10
0.006
20
1.69
0.72
1.50
0.082
5523-RC
27
0.010
15
1.38
1.00
0.94
0.082
5524-RC
50
0.013
15
1.62
1.00
1.12
0.082
Special Features
• Very high current capacity
• Low DCR
• Ferrite core
• VW-1 rated shrink tubing to cover winding
• Fixed lead spacing
• Operating temperature: -55 to +105 °C
Notes
* Current to cause 5 % max. inductance
drop or 35 °C max. temperature rise
A
B
1.0
D
C
Lead tinned to
within 1/8" of body
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Similar Part No. - 5523-RC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5523 POMONA-5523 Datasheet
28Kb / 1P
   Minigrabber Test Clip Patch Cord
logo
List of Unclassifed Man...
5523 ETC-5523 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Tyco Electronics
552307-1 MACOM-552307-1 Datasheet
188Kb / 1P
   RCPT ASSY, 64 POSITIONS, C SLOT W/ 4-40 TAPPED HOLES, CHAMP-LOK
logo
Analog Intergrations Co...
55235-1 AIC-55235-1 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
More results

Similar Description - 5523-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
   High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
   High Current Chokes
logo
EPCOS
ERU25 EPCOS-ERU25 Datasheet
293Kb / 3P
   High-Current Chokes
logo
Bourns Electronic Solut...
5628 BOURNS-5628 Datasheet
428Kb / 1P
   High Current Chokes
5618 BOURNS-5618 Datasheet
428Kb / 1P
   High Current Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
   HIGH CURRENT RF CHOKES
logo
RCD COMPONENTS INC.
HL9ER-1R0JBW RCD-HL9ER-1R0JBW Datasheet
47Kb / 1P
   HIGH CURRENT POWER CHOKES
logo
Allied Components Inter...
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC Datasheet
876Kb / 1P
   Radial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
   Axial High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com