Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K821K15X7RF5.H5 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # K821K15X7RF5.H5
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K821K15X7RF5.H5 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button K821K15X7RF5.H5 Datasheet HTML 3Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 4Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 5Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 6Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 7Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 8Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 9Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 10Page - Vishay Siliconix K821K15X7RF5.H5 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
61
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
47
50
K470J15C0GF5.L2
K470K15C0GF5.L2
2.5 (0.10)
47
K470J15C0GF5.H5
K470K15C0GF5.H5
5.0 (0.20)
56
K560J15C0GF5.L2
K560K15C0GF5.L2
2.5 (0.10)
56
K560J15C0GF5.H5
K560K15C0GF5.H5
5.0 (0.20)
68
K680J15C0GF5.L2
K680K15C0GF5.L2
2.5 (0.10)
68
K680J15C0GF5.H5
K680K15C0GF5.H5
5.0 (0.20)
82
K820J15C0GF5.L2
K820K15C0GF5.L2
2.5 (0.10)
82
K820J15C0GF5.H5
K820K15C0GF5.H5
5.0 (0.20)
100
K101J15C0GF5.L2
K101K15C0GF5.L2
2.5 (0.10)
100
K101J15C0GF5.H5
K101K15C0GF5.H5
5.0 (0.20)
120
K121J15C0GF5.L2
K121K15C0GF5.L2
2.5 (0.10)
120
K121J15C0GF5.H5
K121K15C0GF5.H5
5.0 (0.20)
150
K151J15C0GF5.L2
K151K15C0GF5.L2
2.5 (0.10)
150
K151J15C0GF5.H5
K151K15C0GF5.H5
5.0 (0.20)
180
K181J15C0GF5.L2
K181K15C0GF5.L2
2.5 (0.10)
180
K181J15C0GF5.H5
K181K15C0GF5.H5
5.0 (0.20)
220
K221J15C0GF5.L2
K221K15C0GF5.L2
2.5 (0.10)
220
K221J15C0GF5.H5
K221K15C0GF5.H5
5.0 (0.20)
270
K271J15C0GF5.L2
K271K15C0GF5.L2
2.5 (0.10)
270
K271J15C0GF5.H5
K271K15C0GF5.H5
5.0 (0.20)
330
K331J15C0GF5.L2
K331K15C0GF5.L2
2.5 (0.10)
330
K331J15C0GF5.H5
K331K15C0GF5.H5
5.0 (0.20)
390
K391J15C0GF5.L2
K391K15C0GF5.L2
2.5 (0.10)
390
K391J15C0GF5.H5
K391K15C0GF5.H5
5.0 (0.20)
470
K471J15C0GF5.L2
K471K15C0GF5.L2
2.5 (0.10)
470
K471J15C0GF5.H5
K471K15C0GF5.H5
5.0 (0.20)
560
K561J15C0GF5.L2
K561K15C0GF5.L2
2.5 (0.10)
560
K561J15C0GF5.H5
K561K15C0GF5.H5
5.0 (0.20)
680
K681J15C0GF5.L2
K681K15C0GF5.L2
2.5 (0.10)
680
K681J15C0GF5.H5
K681K15C0GF5.H5
5.0 (0.20)
820
K821J15C0GF5.L2
K821K15C0GF5.L2
2.5 (0.10)
820
K821J15C0GF5.H5
K821K15C0GF5.H5
5.0 (0.20)
1000
K102J15C0GF5.L2
K102K15C0GF5.L2
2.5 (0.10)
1000
K102J15C0GF5.H5
K102K15C0GF5.H5
5.0 (0.20)
1200
K122J15C0GF5.L2
K122K15C0GF5.L2
2.5 (0.10)
1200
K122J15C0GF5.H5
K122K15C0GF5.H5
5.0 (0.20)
1500
K152J15C0GF5.L2
K152K15C0GF5.L2
2.5 (0.10)
1500
K152J15C0GF5.H5
K152K15C0GF5.H5
5.0 (0.20)
1800
K182J15C0GF5.L2
K182K15C0GF5.L2
2.5 (0.10)
1800
K182J15C0GF5.H5
K182K15C0GF5.H5
5.0 (0.20)
2200
K222J15C0GF5.L2
K222K15C0GF5.L2
2.5 (0.10)
2200
K222J15C0GF5.H5
K222K15C0GF5.H5
5.0 (0.20)
2700
K272J20C0GF5.L2
K272K20C0GF5.L2
2.5 (0.10)
2700
K272J20C0GF5.H5
K272K20C0GF5.H5
5.0 (0.20)
3300
K332J20C0GF5.L2
K332K20C0GF5.L2
2.5 (0.10)
3300
K332J20C0GF5.H5
K332K20C0GF5.H5
5.0 (0.20)
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Similar Part No. - K821K15X7RF5.H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K821K15X7RF5.H5 VISHAY-K821K15X7RF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
More results

Similar Description - K821K15X7RF5.H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com