Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC02M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VHC02M
Description  Quad 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC02M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHC02M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC02M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 4: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)
2.0V to
5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r 0.3V
0
a 100 ns/V
VCC 5.0V r 0.5V
0
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0
 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IIN
Input Leakage Current
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.3
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
0.3
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage


Similar Part No. - 74VHC02M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC02M STMICROELECTRONICS-74VHC02M Datasheet
164Kb / 8P
   QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC02M FAIRCHILD-74VHC02M Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
74VHC02M FAIRCHILD-74VHC02M Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
74VHC02M ONSEMI-74VHC02M Datasheet
551Kb / 6P
   Quad 2-Input NOR Gate
August-2017, Rev. 2
logo
Fairchild Semiconductor
74VHC02MTC FAIRCHILD-74VHC02MTC Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
More results

Similar Description - 74VHC02M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com