Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5254-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5254-RC
Description  5200 Series - Hash Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5254-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5254-RC Datasheet HTML 1Page - Bourns Electronic Solutions 5254-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
Current rating up to 20 A
Inductance range: 3.35 µH to 1000 µH
RoHS compliant*
Applications
EMI filters
Output chokes
Smooting coils
5200 Series - Hash Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Product Dimensions
Electrical Specifications
Lead
SRF
DCR
Wire
Part
Inductance
Test
(MHz)
(
Ω)
I dc
Size
Diameter
Number
(µH)
Tol.
Freq.
Typ.
Max.
(A)
(AWG)
Figure
Max.
5218-RC
3.35
±20 %
7.96 MHz
107
0.010
20
12
A
15.24
(0.60)
5219-RC
4.9
±20 %
7.96 MHz
95
0.016
15
14
A
15.24
(0.60)
5220-RC
8.8
±20 %
7.96 MHz
64
0.021
10
16
A
14.22
(0.56)
5230-RC
4.0
±20 %
7.96 MHz
165
0.012
8.0
20
B
9.65
(0.38)
5240-RC
40
±20 %
1.0 KHz
145
0.082
3.0
20
D
7.87
(0.31)
5248-RC
68
±20 %
1.0 KHz
4.5
0.054
5.0
20
C
14.22
(0.56)
5250-RC
100
±20 %
1.0 KHz
28.5
0.216
2.0
20
E
9.65
(0.38)
5252-RC
125
±20 %
1.0 KHz
2.25
0.08
3.5
20
C
12.70
(0.50)
5254-RC
250
±20 %
1.0 KHz
1.30
0.17
2.5
20
C
11.18
(0.44)
5256-RC
500
±20 %
1.0 KHz
0.99
0.26
2.0
20
C
14.22
(0.56)
5258-RC
1000
±20 %
1.0 KHz
0.65
0.55
1.0
20
C
12.70
(0.50)
31.75
(1.25)
31.75
(1.25)
MIN.
TINNED
SEE
TABLE
SEE
TABLE
SEE
TABLE
SEE
TABLE
SEE
TABLE
31.75
(1.25)
31.75
(1.25)
MIN.
31.75
(1.25)
31.75
(1.25)
MIN.
31.75
(1.25)
31.75
(1.25)
MIN.
22.23
(0.875)
31.75
(1.25)
Figure A
Figure D
Figure E
Figure B
Figure C
DIMENSIONS:
MM
(INCHES)
General Specifications
Rated Current ...... Inductance drop 10 %
or 35 °C temperature rise at I dc
Operating Temperature
................................-55 °C to +105 °C
Storage Temperature
................................-55 °C to +105 °C
Materials
Core Material
5218-RC through 5220-RC ...........Iron
5230-RC through 5258-RC .......Ferrite
Wire ...........................Enameled copper
Terminal Coating.................................Sn
Marking
.............. Marking on label on bag only
Packaging
5218-RC through 5220-RC
................................... 64 pcs. per bag
5230-RC through 5258-RC
................................... 50 pcs. per bag
Electrical Schematic


Similar Part No. - 5254-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5254-RC BOURNS-5254-RC Datasheet
2Mb / 2P
   5200 Series - Hash Choke
5254-RC BOURNS-5254-RC Datasheet
2Mb / 2P
   Hash Choke
More results

Similar Description - 5254-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
R0843 BOURNS-R0843 Datasheet
2Mb / 2P
   5200 Series - Hash Choke
5218-RC BOURNS-5218-RC_12 Datasheet
2Mb / 2P
   Hash Choke
logo
Rhombus Industries Inc.
L-13268 RHOMBUS-IND-L-13268 Datasheet
16Kb / 1P
   AXIAL LEAD HASH CHOKE
logo
3M Electronics
5200 3M-5200 Datasheet
49Kb / 5P
   Marine Adhesive/Sealant Fast Cure 5200
logo
Agere Systems
5200 AGERE-5200 Datasheet
55Kb / 4P
   5200-Series 64 x 64 MEMS Optical Switch Module
logo
Mini-Circuits
HFCN-1910 MINI-HFCN-1910 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 2200 to 5200 MHz
logo
Cree, Inc
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
logo
Analog Devices
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
logo
Kemet Corporation
SC-15-E50JH KEMET-SC-15-E50JH Datasheet
129Kb / 1P
   KEMET, SC-JH, AC Line Filters, Common Mode, 5200 uH
logo
Tyco Electronics
2-1123309-3 MACOM-2-1123309-3 Datasheet
246Kb / 2P
   DOUBLE ROW HEADER ASSY 4P(H TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com