Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXR162601 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VCXR162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCXR162601 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 11)
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ±0.3V
VCC = 2.5 ±0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
125
MHz
tPHL, tPLH
Propagation Delay
A to B or B to A
0.6
3.8
0.8
4.6
1.5
9.2
ns
tPHL, tPLH
Propagation Delay
Clock to A or B
0.6
4.4
0.8
5.5
1.5
9.8
ns
tPHL, tPLH
Propagation Delay
LEBA or LEAB to A or B
0.6
4.4
0.8
5.8
1.5
9.8
ns
tPZL, tPZH
Output Enable Time
OEBA or OEAB to A or B
0.6
4.3
0.8
5.9
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
OEBA or OEAB to A or B
0.6
4.3
0.8
4.9
1.5
8.8
ns
tS
Setup Time
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tOSHL, tOSLH
Output to Output Skew (Note 12)
0.5
0.5
0.75
ns
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
Units
Typical
VOLP
Quiet Output Dynamic
Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
0.15
0.25
0.35
V
VOLV
Quiet Output Dynamic
Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
0.15
−0.25
−0.35
V
VOHV
Quiet Output Dynamic
Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
2.5
3.3
1.5
2.05
2.65
V
Symbol
Parameter
Conditions
TA = +25°C
Units
CIN
Input Capacitance
VCC = 1.8V, 2.5V, or 3.3V,
6pF
VI = 0V or VCC
CI/O
Output Capacitance
VI = 0V, or VCC,
7pF
VCC = 1.8V, 2.5V or 3.3V
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz
20
pF
VCC = 1.8V, 2.5V or 3.3V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16501Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn