Electronic Components Datasheet Search |
|
DSP1-L2-DC3V-F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
DSP1-L2-DC3V-F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 7 page DS-P DIMENSIONS (Unit: mm inch) FIXING AND REMOVAL METHOD ACCESSORIES SOCKETS FOR DS-P RELAYS RoHS Directive compatibility information http://www.mew.co.jp/ac/e/environment/ TYPES AND APPLICABLE RELAYS SPECIFICATIONS Type No. Applicable relays For DSP1a For DSP1a, DSP1, DSP2a DSP1a-PS DSP1a-PSL2 DSP2a-PS DSP2a-PSL2 K O K O K O K O s y a l e r a 1 P S D K O K O s y a l e r 2 L - a 1 P S D K O K O s y a l e r 1 P S D DSP1-L2 relays OK K O K O s y a l e r a 2 P S D DSP2a-L2 relays OK s n o it a c fi i c e p S m e tI Breakdown voltage 3,000 Vrms between terminals (Except for the portion between coil terminals) Insulation resistance 1,000 M Ω between terminals at 500 V Heat resistance 150 °C for 1 hour Max. continuous current 8 A External dimensions 5.7 ±0.3 17 ±0.6 11 ±0.6 23 ±0.6 0.3 ±0.1 7.62 ±0.3 10.16±0.3 0.8 ±0.1 0.65 ±0.1 7.62 ±0.3 2.54 ±0.3 3.7 2.61 .224 ±.012 .669 ±.024 .433 ±.024 .906 ±.024 .012 ±.004 .300 ±.012 .400±.012 .031 ±.004 .026 ±.004 .300 ±.012 .100 ±.012 .146 .103 PC board pattern (Bottom view) DSP1a-PS, DSP1a-PSL2 Terminal No.2 and 15 are for DSP1a-PSL2 only. DSP2a-PS, DSP2a-PSL2 Terminal No.2 and 15 are for DSP2a-PSL2 only. 1 2 15 16 5 8 2.54 2.54 1.2 dia. 047 dia. .100 .100 1 2 15 16 5 8 12 9 2.54 2.54 1.2 dia. 047 dia. .100 .100 1. Match the direction of relay and socket. 2. Both ends of relays are fixed so tightly that the socket hooks on the top surface of relays. 3. Remove the relay, applying force in the direction shown below. 4. In case there is not enough space for finger to pick relay up, use screw drivers in the way shown below. Notes: 1. Exercise care when removing relays. If greater than necessary force is applied at the socket hooks, deformation may alter the dimensions so that the hook will no longer catch, and other damage may also occur. 2. It is hazardous to use IC chip sockets. Good No good All Rights Reserved © C OPYRIGHT Panasonic Electric Works, Ltd. |
Similar Part No. - DSP1-L2-DC3V-F |
|
Similar Description - DSP1-L2-DC3V-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |