Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL-W5F1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # TL-W5F1
Description  Miniature Inductive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W5F1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  TL-W5F1 Datasheet HTML 1Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 2Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 3Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 4Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 5Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 6Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 7Page - Omron Electronics LLC TL-W5F1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL-W
TL-W
3
s SHIELDED, METAL BODY SENSORS
Part number
TL-W5E❑❑
TL-W5F❑
Sensor type
Inductive
Body
Size
Flat, rectangular
Type
Shielded
Supply voltage
10 to 30 VDC, maximum ripple 10% peak-to-peak
Current consumption
15 mA max. at 24 VDC
Detectable object type
Metal objects
Effective maximum detecting
0 to 4 mm
distance (with standard object)
(0 to 0.16 in)
Standard target size
18 x 18 x 1 mm
(mild steel, LxWxH)
(0.71 x 0.71 x 0.04 in)
Differential travel
10% max. at effective maximum detecting distance
Control
DC
Type
NPN-NO (TL-W5E1) with pull-up resistor
PNP-NO (TL-W5F1) with pull-down resistor
output
solid-
NPN-NC (TL-W5E2) with pull-up resistor
PNP-NC (TL-W5F2) with pull-down resistor
state
Max. load
200 mA max.
Max. on-state
2.0 V max.
voltage drop
Response frequency
300 Hz
Circuit
Output short-circuit Not provided
protection
DC power supply
Provided
reverse polarity
Indicators
Target present (red LED)
Materials
Housing
Diecast aluminum
Sensing face
Plastic (ABS)
Cable sheath
Oil-proof vinyl
Mounting
Bottom surface with 2 through holes
Connections
Prewired
3-conductor cable, 2 m (6.56 ft) length
Weight with cable
70 g (2.5 oz.)
Enclosure
UL
ratings
NEMA
1, 2, 3, 4X, 6, 12, 13
IEC 144
IP67
Approvals
UL
CSA
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, at 1.5 mm in X, Y, and Z directions, double amplitude for 2 hours
Shock
Approx. 50 G, three hours
0 V
+ V
+ V
0 V
s OUTPUT CIRCUIT DIAGRAMS
NPN Output TL-W❑MC❑
PNP Output TL-W❑MB❑
Operation
Brown
Black
Blue
Brown
Black
Blue


Similar Part No. - TL-W5F1

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
TL-WA701ND TP-LINK-TL-WA701ND Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WDR4900 TP-LINK-TL-WDR4900 Datasheet
4Mb / 3P
   N900 Wireless Dual Band Gigabit Router
TL-WN7200ND TP-LINK-TL-WN7200ND Datasheet
4Mb / 7P
   High Power Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
1Mb / 2P
   150Mbps Wireless N Router
More results

Similar Description - TL-W5F1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com