Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K103K15X7RF53H5 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # K103K15X7RF53H5
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K103K15X7RF53H5 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button K103K15X7RF53H5 Datasheet HTML 5Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 6Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 7Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 8Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 9Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 10Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 11Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 12Page - Vishay Siliconix K103K15X7RF53H5 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
64
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
8200
100
K822K15X7RH5.L2
K822M15X7RH5.L2
2.5 (0.10)
8200
K822K15X7RH5.H5
K822M15X7RH5.H5
5.0 (0.20)
10 000
K103K15X7RH5.L2
K103M15X7RH5.L2
2.5 (0.10)
10 000
K103K15X7RH5.H5
K103M15X7RH5.H5
5.0 (0.20)
12 000
K123K15X7RH5.L2
K123M15X7RH5.L2
2.5 (0.10)
12 000
K123K15X7RH5.H5
K123M15X7RH5.H5
5.0 (0.20)
15 000
K153K15X7RH5.L2
K153M15X7RH5.L2
2.5 (0.10)
15 000
K153K15X7RH5.H5
K153M15X7RH5.H5
5.0 (0.20)
18 000
K183K15X7RH5.L2
K183M15X7RH5.L2
2.5 (0.10)
18 000
K183K15X7RH5.H5
K183M15X7RH5.H5
5.0 (0.20)
22 000
K223K15X7RH5.L2
K223M15X7RH5.L2
2.5 (0.10)
22 000
K223K15X7RH5.H5
K223M15X7RH5.H5
5.0 (0.20)
27 000
K273K20X7RH5.L2
K273M20X7RH5.L2
2.5 (0.10)
27 000
K273K20X7RH5.H5
K273M20X7RH5.H5
5.0 (0.20)
33 000
K333K20X7RH5.L2
K333M20X7RH5.L2
2.5 (0.10)
33 000
K333K20X7RH5.H5
K333M20X7RH5.H5
5.0 (0.20)
39 000
K393K20X7RH5.L2
K393M20X7RH5.L2
2.5 (0.10)
39 000
K393K20X7RH5.H5
K393M20X7RH5.H5
5.0 (0.20)
47 000
K473K20X7RH5.L2
K473M20X7RH5.L2
2.5 (0.10)
47 000
K473K20X7RH5.H5
K473M20X7RH5.H5
5.0 (0.20)
56 000
K563K20X7RH5.L2
K563M20X7RH5.L2
2.5 (0.10)
56 000
K563K20X7RH5.H5
K563M20X7RH5.H5
5.0 (0.20)
68 000
K683K20X7RH5.L2
K683M20X7RH5.L2
2.5 (0.10)
68 000
K683K20X7RH5.H5
K683M20X7RH5.H5
5.0 (0.20)
82 000
K823K20X7RH5.L2
K823M20X7RH5.L2
2.5 (0.10)
82 000
K823K20X7RH5.H5
K823M20X7RH5.H5
5.0 (0.20)
100 000
K104K20X7RH5.L2
K104M20X7RH5.L2
2.5 (0.10)
100 000
K104K20X7RH5.H5
K104M20X7RH5.H5
5.0 (0.20)
MONO-KAP C0G - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10
100
K100J15C0GH5.L2
K100K15C0GH5.L2
2.5 (0.10)
10
K100J15C0GH5.H5
K100K15C0GH5.H5
5.0 (0.20)
12
K120J15C0GH5.L2
K120K15C0GH5.L2
2.5 (0.10)
12
K120J15C0GH5.H5
K120K15C0GH5.H5
5.0 (0.20)
15
K150J15C0GH5.L2
K150K15C0GH5.L2
2.5 (0.10)
15
K150J15C0GH5.H5
K150K15C0GH5.H5
5.0 (0.20)
18
K180J15C0GH5.L2
K180K15C0GH5.L2
2.5 (0.10)
18
K180J15C0GH5.H5
K180K15C0GH5.H5
5.0 (0.20)
22
K220J15C0GH5.L2
K220K15C0GH5.L2
2.5 (0.10)
22
K220J15C0GH5.H5
K220K15C0GH5.H5
5.0 (0.20)
27
K270J15C0GH5.L2
K270K15C0GH5.L2
2.5 (0.10)
27
K270J15C0GH5.H5
K270K15C0GH5.H5
5.0 (0.20)
MONO-KAP X7R - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)


Similar Part No. - K103K15X7RF53H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103K15X7RF53L2 VISHAY-K103K15X7RF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Similar Description - K103K15X7RF53H5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com