Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXH16374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VCXH16374
Description  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCXH16374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500228
www.fairchildsemi.com
January 2000
Revised June 2005
74VCXH16374
Low Voltage 16-Bit D-Type Flip-Flops with Bushold
General Description
The VCXH16374 contains sixteen non-inverting D-type
flip-flops with 3-STATE outputs and is intended for bus ori-
ented applications. The device is byte controlled. A buff-
ered clock (CP) and output enable (OE) are common to
each byte and can be shorted together for full 16-bit opera-
tion.
The VCXH16374 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level.
The 74VCXH16374 is designed for low voltage (1.4V to
3.6V) VCC applications with output compatibility up to 3.6V.
The 74VCXH16374 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant control inputs and outputs
s Bushold on data inputs eliminates the need for external
pull-up/pull-down resistors
s tPD
3.0 ns max for 3.0V to 3.6V VCC
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 300 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Note 2: Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Descriptions
74VCXH16374GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74VCXH16374MTD
(Note 2)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn