Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXH16374 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74VCXH16374
Description  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16374 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VCXH16374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 9Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 9)
Note 9: For CL 50PF, add approximately 300 ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL 30 pF
3.3
r 0.3
250
MHz
2.5
r 0.2
200
1.8
r 0.15
100
CL 15 pF
1.5
r 0.1
80.0
tPHL
Propagation Delay
CL pF, RL 500:
3.3
r 0.3
0.8
3.0
ns
Figures
1, 2
tPLH
2.5
r 0.2
1.0
3.9
1.8
r 0.15
1.5
7.8
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
15.6
Figures
7, 8
tPZL
Output Enable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
tPZH
2.5
r 0.2
1.0
4.6
1.8
r 0.15
1.5
9.2
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
18.4
Figures
7, 9, 10
tPLZ
Output Disable Time
CL 30 pF, RL 500:
3.3
r 0.3
0.8
3.5
ns
Figures
1, 3, 4
2.5
r 0.2
1.0
3.8
1.8
r 0.15
1.5
6.8
CL 15 pF, RL 2 k:
1.5
r 0.1
1.0
13.6
Figures
7, 9, 10
tS
Setup Time
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figure 6
2.5
r 0.2
1.5
1.8
r 0.15
2.5
CL 15 pF, RL 500:
1.5
r 0.1
3.0
tH
Hold Time
CL 30 pF, RL 500:
3.3
r 0.3
1.0
ns
Figure 6
2.5
r 0.2
1.0
1.8
r 0.15
1.0
CL 15 pF, RL 500:
1.5
r 0.1
2.0
tW
Pulse Width
CL 30 pF, RL 500:
3.3
r 0.3
1.5
ns
Figure 5
2.5
r 0.2
1.5
1.8
r 0.15
4.0
CL 15 pF, RL 500:
1.5
r 0.1
4.0
tOSHL
Output to Output Skew
CL 30 pF, RL 500:
3.3
r 0.3
0.5
ns
tOSLH
(Note 10)
2.5
r 0.2
0.5
1.8
r 0.15
0.75
CL 15 pF, RL 2 k:
1.5
r 0.1
1.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn