Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXH16374 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VCXH16374
Description  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16374 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCXH16374 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
Functional Description
The 74VCXH16374 consists of sixteen edge-triggered
flip-flops with individual D-type inputs and 3-STATE true
outputs. The device is byte controlled with each byte func-
tioning identically, but independent of the other. The control
pins can be shorted together to obtain full 16-bit operation.
Each clock has a buffered clock and buffered Output
Enable common to all flip-flops within that byte. The
description which follows applies to each byte. Each
flip-flop will store the state of their individual I inputs that
meet the setup and hold time requirements on the
LOW-to-HIGH Clock (CPn) transition. With the Output
Enable (OEn) LOW, the contents of the flip-flops are avail-
able at the outputs. When OEn is HIGH, the outputs go to
the high impedance state. Operations of the OEn input
does not affect the state of the flip-flops.
Logic Diagram
Byte 1 (0:7)
Byte 2 (8:15)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn