Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH16244G Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74VCXH16244G
Description  Low Voltage 16-Bit Buffer/Line Driver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16244G Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74VCXH16244G Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 9Page - Fairchild Semiconductor 74VCXH16244G Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
AC Loading and Waveforms (VCC 1.5 r 0.1V to 1.2V)
FIGURE 5. AC Test Circuit
FIGURE 6. Waveform for Inverting and Non-Inverting Functions
FIGURE 7. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 8. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC x 2 at VCC 1.5 r 0.1V
tPZH, tPHZ
GND
Symbol
VCC
1.5V
r 0.1V
Vmi
VCC/2
Vmo
VCC/2
VX
VOL  0.1V
VY
VOH  0.1V


Similar Part No. - 74VCXH16244G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74VCXH16244DT ONSEMI-74VCXH16244DT Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244DTR ONSEMI-74VCXH16244DTR Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
STMicroelectronics
74VCXH16244TTR STMICROELECTRONICS-74VCXH16244TTR Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74VCXH16244G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH16240 FAIRCHILD-74VCXH16240 Datasheet
76Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com