Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NN30295A Datasheet(PDF) 18 Page - Panasonic Battery Group

Part # NN30295A
Description  DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

NN30295A Datasheet(HTML) 18 Page - Panasonic Battery Group

Back Button NN30295A Datasheet HTML 14Page - Panasonic Battery Group NN30295A Datasheet HTML 15Page - Panasonic Battery Group NN30295A Datasheet HTML 16Page - Panasonic Battery Group NN30295A Datasheet HTML 17Page - Panasonic Battery Group NN30295A Datasheet HTML 18Page - Panasonic Battery Group NN30295A Datasheet HTML 19Page - Panasonic Battery Group NN30295A Datasheet HTML 20Page - Panasonic Battery Group NN30295A Datasheet HTML 21Page - Panasonic Battery Group NN30295A Datasheet HTML 22Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
NN30295A
Ver. BEB
TYPICAL CHARACTERISTICS CURVES ( Continued )
(2) Load transient
Condition : VIN = 5.0 V, Vout = 1.0 V, Frequency = 1 MHz, Iout = 10 mA
6 A ( 0.5 A /
μs )
Skip Mode
FCCM Mode
(3) Efficiency
Condition : VIN = 5.0 V, Vout = 1.0 V, Frequency = 1 MHz, Iout = 0.6 A
5.4 A ( 0.5 A /
μs )
Skip Mode
FCCM Mode
Condition : Vin = 5.0 V, Vout = 1.0 V / 1.2 V / 1.8V / 3.3V,
L = 1
μH, Cout = 44 μF (22 μF x 2), Frequency = 500 kHz
Condition : Vin = 5.0 V, Vout = 1.0 V / 1.2 V / 1.8V / 3.3V,
L = 1
μH, Cout = 44 μF (22 μF x 2), Frequency = 1 MHz
Time (100 us/div)
VOUT (50 mV/div)
IOUT (5 A/div)
22.4mV
18.8mV
Time (100 us/div)
VOUT (50 mV/div)
IOUT (5 A/div)
24.6mV
25.8mV
Time (100 us/div)
VOUT (50 mV/div)
IOUT (5 A/div)
23mV
26.5mV
Time (100 us/div)
VOUT (50 mV/div)
IOUT (5 A/div)
20.7mV
24.3mV
Frequency = 500 kHz
0
10
20
30
40
50
60
70
80
90
100
IOUT (A)
FCCM/ Vo= 1.0V
FCCM/ Vo= 1.2V
FCCM/ Vo= 1.8V
FCCM/ Vo= 3.3V
SKIP/ Vo= 1.0V
SKIP/ Vo= 1.2V
SKIP/ Vo= 1.8V
SKIP/ Vo= 3.3V
Frequency = 1000 kHz
0
10
20
30
40
50
60
70
80
90
100
IOUT (A)
FCCM/ Vo= 1.0V
FCCM/ Vo= 1.2V
FCCM/ Vo= 1.8V
FCCM/ Vo= 3.3V
SKIP/ Vo= 1.0V
SKIP/ Vo= 1.2V
SKIP/ Vo= 1.8V
SKIP/ Vo= 3.3V


Similar Part No. - NN30295A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN30295A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Texas Instruments
LP3907 TI1-LP3907_14 Datasheet
3Mb / 57P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
logo
ACE Technology Co., LTD...
ACE73205F ACE-ACE73205F Datasheet
287Kb / 3P
   PWM Step-down DC-DC Controller IC
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com