Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NN30195A Datasheet(PDF) 11 Page - Panasonic Battery Group

Part # NN30195A
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

NN30195A Datasheet(HTML) 11 Page - Panasonic Battery Group

Back Button NN30195A Datasheet HTML 7Page - Panasonic Battery Group NN30195A Datasheet HTML 8Page - Panasonic Battery Group NN30195A Datasheet HTML 9Page - Panasonic Battery Group NN30195A Datasheet HTML 10Page - Panasonic Battery Group NN30195A Datasheet HTML 11Page - Panasonic Battery Group NN30195A Datasheet HTML 12Page - Panasonic Battery Group NN30195A Datasheet HTML 13Page - Panasonic Battery Group NN30195A Datasheet HTML 14Page - Panasonic Battery Group NN30195A Datasheet HTML 15Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
NN30195A
Ver. CEB
OPERATION ( Continued )
3. Output Voltage Setting
The Output Voltage can be set by external resistance of
FB pin, and its calculation is as follows.
(VIN = 5 V, IOUT = 0 A, FCCM, Fsw = 1 MHz)
Below resistors are recommended for following popular
output voltage.
VOUT = ( 1 +
)
× 0.6
RFB1
RFB2
1.5 k
1.0 k
1.0
1.0 k
1.0 k
RFB2 [Ω]
2.0 k
1.8
4.5 k
3.3
RFB1 [Ω]
VOUT [V]
VOUT
RFB1
VFB ( 0.6 V )
RFB2
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
Note: RFB2 can be set to a maximum value of 10 kΩ.
A larger FBR2 value will be more susceptible
to noise.
VFB comparator threshold is adjusted to
± 1 %, but the
actual output voltage accuracy becomes more than
±
1 % due to the influence from the circuits other than VFB
comparator.
In the case of VOUT setting = 1.0 V, the actual output
voltage accuracy becomes
± 2 %.
(VIN = 5.0 V, IOUT = 0 A, FCCM, Fsw = 1 MHz).
4. Soft Start Setting
Soft Start function maintains the smooth control of the
output voltage during start up by adjusting soft start
time. When the CTL1 or CTL2 (or both) pin becomes
High, the current (2 µA) begin to charge toward the
external capacitor (Css) of SS pin, and the voltage of
SS pin increases straightly.
When Css is set at 10 nF, soft-start time is
approximately 3 ms.
Css
Time
Start
Soft
×
=
μ
2
6
.
0
(sec)
Because the voltage of FB pin is controlled by the
voltage of SS pin during start up, the voltage of FB
increase straightly to the regulation voltage (0.6 V)
together with the voltage of SS pin and keep the
regulation voltage after that. On the other hand, the
voltage of SS pin increase to about 2.8 V and keep the
voltage. The calculation of Soft Start Time is as follows.
CTL1
or
CTL2
SS
VOUT
VFB
0.6 V
Soft Start Time (s)
Figure : Soft Start Operation
UVLO
VREG
2.2 V
2.55 V
5. Power ON / OFF sequence
(1) When the CTL1/2 pin is set to “High” after the VIN
settles, UVLO is released if VIN exceeds its threshold,
then the VREG starts up.
(2) When VREG voltage exceeds its threshold, the
SOFT START sequence is enabled. The capacitor
connected to the SS pin begins to charge and the SS pin
voltage increases linearly.
(3) The VOUT pin (DCDC Output) voltage increases at
the same rate as the SS pin. Normal operation begins
after the VOUT pin reaches the set voltage.
(4) When the CTL1/2 pin is set to “Low”, VREG and
UVLO stop operation. The VOUT pin / SS pin voltage
starts to drop and the VOUT pin discharge by internal
MOSFET (R = 50 Ω).
Note: The SS pin capacitor should be discharged
completely before restarting the startup sequence. An
incomplete discharge process might result in an
overshoot of the output voltage.


Similar Part No. - NN30195A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - NN30195A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30312A PANASONICBATTERY-NN30312A Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com