Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXH16373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VCXH16373
Description  Low Voltage 16-Bit Transparent Latch with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH16373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCXH16373 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH16373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7
 3.6
0.2
V
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA1.65  2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA1.4  1.6
0.2
IOL 2 mA
1.4
0.35
IOL 100 PA
1.2
0.05
II
Input Leakage Current
Control Pins
0
d VI d 3.6V
1.4
 3.6
r5.0
PA
Data Pins
VI VCC or GND
1.4
 3.6
r5.0
PA
II(HOLD)
Bushold Input Minimum
VIN 0.8V
3.0
75.0
PA
Drive Hold Current
VIN 2.0V
3.0
75.0
VIN 0.7V
2.3
45.0
VIN 1.6V
2.3
45.0
VIN 0.57V
1.65
25.0
VIN 1.07V
1.65
25.0
II(OD)
Bushold Input Over-Drive
(Note 6)
3.6
450
PA
Current to Change State
(Note 7)
3.6
450
(Note 6)
2.7
300
(Note 7)
2.7
300
(Note 6)
1.95
200
(Note 7)
1.95
200
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.2
 3.6
r10.0
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VO) d 3.6V
0
10.0
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.2
 3.6
20.0
PA
VCC d (VO) d 3.6V (Note 8)
1.2
 3.6
r20.0
'ICC
Increase in ICC per Input
VIH VCC - 0.6V
2.7
 3.6
750
PA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn