Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH162374MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VCXH162374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162374MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VCXH162374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162374MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics (2.7V
< V
CC ≤ 3.6V)
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: Outputs disabled or 3-STATE only.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
OEn, CPn
−0.5V to 4.6V
I0 – I15
−0.5V to V
CC to 0.5V
Output Voltage (VO)
Outputs 3-STATED
−0.5V to +4.6V
Outputs Active (Note 3)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to V
CC
Output Voltage (VO)
Output in Active States
0V to VCC
Output in “OFF” State
0.0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±12 mA
VCC = 2.3V to 2.7V
±8 mA
VCC = 1.65V to 2.3V
±3 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.7
− 3.6
2.0
V
VIL
LOW Level Input Voltage
2.7
− 3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.7
− 3.6
VCC − 0.2
V
IOH = −6 mA
2.7
2.2
V
IOH = −8 mA
3.0
2.4
V
IOH = −12 mA
3.0
2.2
V
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7
− 3.6
0.2
V
IOL = 6 mA
2.7
0.4
V
IOL = 8 mA
3.0
0.55
V
IOL = 12 mA
3.0
0.8
V
II
Input Leakage Current
Control Pins
0
≤ V
I ≤ 3.6V
2.7
− 3.6
±5.0
µA
Data Pins
VI = VCC or GND
2.7
− 3.6
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.8V
3.0
75
µA
Drive Hold Current
VIN = 2.0V
3.0
−75
II(OD)
Bushold Input Over-Drive
(Note 5)
3.6
450
µA
Current to Change State
(Note 6)
3.6
−450
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.7
− 3.6
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
O) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7
− 3.6
20
µA
VCC ≤ (VO) ≤ 3.6V (Note 7)
2.7
− 3.6
±20
µA
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.7
− 3.6
750
µA


Similar Part No. - 74VCXH162374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74VCXH162373MTD FAIRCHILD-74VCXH162373MTD Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCXH162373MTD FAIRCHILD-74VCXH162373MTD Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74VCXH162373MTX FAIRCHILD-74VCXH162373MTX Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
More results

Similar Description - 74VCXH162374MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
204Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74ALVC162374 FAIRCHILD-74ALVC162374 Datasheet
95Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com