Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXF162835 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74VCXF162835
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCXF162835 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table
H
= HIGH Voltage Level
L
= LOW Level Voltage
X
= Immaterial (HIGH or LOW, Inputs may not float)
Z
= High Impedance
Note 2: Output level before the indicated steady-state input conditions
were established provided that CP was HIGH before LE went LOW.
Note 3: Output level before the indicated steady-state input conditions
were established.
Logic Diagram
Pin Names
Description
OE
Output Enable Input (Active LOW)
LE
Latch Enable Input
CP
Clock Input
I1 - I18
Data Inputs
O1 - O18
3-STATE Outputs
Inputs
Outputs
OE
LE
CP
In
On
H
XXX
Z
LH
X
L
L
LH
X
H
H
LL
LL
LL
HH
LL
H
X
O0 (Note 2)
LLL
X
O0 (Note 3)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162835FTLOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VCX16835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn