Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXF162835 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 74VCXF162835
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCXF162835 Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Capacitance
IOUT - VOUT Characteristics
IOH versus VOH
FIGURE 1. Characteristics for Output - Pull Up Drive
IOL versus VOL
FIGURE 2. Characteristics for Output - Pull Down Driver
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V, or 3.3V,
3.5
pF
CI/O
Input/Output Capacitance
VI = 0V, or VCC, VCC = 1.8V, 2.5V or 3.3V
5.5
pF
CPD
Power Dissipation Capacitance
VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V
13
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162835FTLOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VCX16835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn