Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXF162835 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VCXF162835
Description  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCXF162835 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 11)
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
AC Electrical Characteristics Over Load (Note 13)
Note 13: Characterized only.
Dynamic Switching Characteristics
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.5 ± 0.2V
VCC = 1.8 ± 0.15V
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
100
MHz
tPHL, tPLH
Propagation Delay
0.6
3.1
0.8
4.0
1.5
7.2
ns
Bus to Bus
tPHL, tPLH
Propagation Delay
1.0
3.2
1.5
4.1
2.0
7.4
ns
Clock to Bus
tPHL, tPLH
Propagation Delay
0.6
3.7
0.8
4.7
1.5
8.5
ns
LE to Bus
tPZL, tPZH
Output Enable Time
0.6
4.3
0.8
5.9
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
0.6
4.2
0.8
4.7
1.5
7.9
ns
tS
Setup Time
1.5
1.5
2.5
ns
tH
Hold Time
0.7
0.7
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tOSHL
Output to Output Skew
0.5
0.5
0.75
ns
tOSLH
(Note 12)
Symbol
Parameter
TA = −0°C to +85°C, RL = 500Ω VCC = 3.3V ± 03V
Units
CL = 50 pF
Min
Max
tPHL, tPLH
Prop Delay Bus to Bus
1.0
3.4
ns
tPHL, tPLH
Prop Delay Clock to Bus
1.4
3.5
ns
tPHL, tPLH
Prop Delay LE to Bus
1.0
4.0
ns
tPZL, tPZH
Output Enable Time
1.0
4.6
ns
tPLZ, tPHZ
Output Disable Time
1.0
4.5
ns
tS
Setup Time
1.0
ns
tH
Hold Time
0.6
ns
Symbol
Parameter
Conditions
VCC
TA=+25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.25
2.5
0.40
V
3.3
0.55
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.25
2.5
−0.40
V
3.3
−0.55
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.35
2.5
1.80
V
3.3
2.30


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162835FTLOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74VCX16835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn