Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS203 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS203
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS203 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS203 Datasheet HTML 1Page - Rectron Semiconductor RS203 Datasheet HTML 2Page - Rectron Semiconductor RS203 Datasheet HTML 3Page - Rectron Semiconductor RS203 Datasheet HTML 4Page - Rectron Semiconductor RS203 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS201
THRU
RS207
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Ideal for printed circuit board
* Surge overload rating: 50 amperes peak
* Weight: 2.74 grams
* Mounting position: Any
MECHANICAL DATA
* Epoxy:
* UL listed the recognized component directory,file #94233
Device has UL flammability classification 94V-O
RS-2
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
2.0
60
15
40
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rθ JC
Rθ JA
IO
-55 to + 150
CJ
pF
Typical Junction Capacitance (Note 3)
15
Volts
100
RS201
RS203
RS205
RS202
RS204
200
800
RS206
50
100
200
800
50
70
140
560
35
1000
RS207
1000
700
400
400
280
600
600
420
2013-03
REV:A
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
µAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
5.0
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
RS201
RS203
RS205
RS202
RS204
RS206
RS207
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
3. Measureed at 1MHz and applied reverse voltage of 4.0 volts.
DIA.
.710 (18.0)
.670 (17.0)
.125
(3.2)
.787
(20.0)
MIN.
.035 (0.9)
.028 (0.7)
.260 (6.6)
.240 (6.1)
.160 (4.1)
.140 (3.6)
.566 (14.4)
.528 (13.4)
.528 (13.4)
.488 (12.4)
AC


Similar Part No. - RS203

ManufacturerPart #DatasheetDescription
logo
Bytes
RS203 BYTES-RS203 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS203 SECOS-RS203 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Suntan Capacitors
RS203 SUNTAN-RS203 Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Dc Components
RS203 DCCOM-RS203 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS203 SECOS-RS203 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
More results

Similar Description - RS203

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com