Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX245MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VCX245MTC
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX245MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCX245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VCX245MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500167
www.fairchildsemi.com
June 1999
Revised April 2005
74VCX245
Low Voltage Bidirectional Transceiver
with 3.6V Tolerant Inputs and Outputs
General Description
The VCX245 contains eight non-inverting bidirectional buff-
ers with 3-STATE outputs and is intended for bus oriented
applications. The T/R input determines the direction of data
flow. The OE input disables both the A and B ports by plac-
ing them in a high impedance state.
The 74VCX245 is designed for low voltage (1.4V to 3.6V)
VCC applications with I/O compatibility up to 3.6V.
The 74VCX245 is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s Power-off high impedance inputs and outputs
s Supports Live Insertion and Withdrawal (Note 1)
s tPD
3.5 ns max for 3.0V to 3.6V VCC
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented noise/EMI reduction
circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Leadless DQFN Pb-Free package
Note 1: To ensure the high impedance state during power up and power
down, OEn should be tied to VCC through a pull up resistor. The minimum
value of the resistor is determined by the current sourcing capability of the
driver.
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 3: DQFN package available in Tape and Reel only,
Logic Symbol
Pin Descriptions
Order Number
Package
Number
Package Description
74VCX245WM
(Note 2)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VCX245BQX
(Note 3)
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 4.5mm
74VCX245MTC
(Note 2)
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input (Active LOW)
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs


Similar Part No. - 74VCX245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245MTC FAIRCHILD-74VCX245MTC Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX245MTC ONSEMI-74VCX245MTC Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
More results

Similar Description - 74VCX245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245_05 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC16245 FAIRCHILD-74ALVC16245 Datasheet
106Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245 FAIRCHILD-74VCX16245 Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
F74ALVC16245 FAIRCHILD-F74ALVC16245 Datasheet
112Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com