Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14921 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14921
Description  A high-acuuracy 16-cell battery-management reference design
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14921 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14921 Datasheet HTML 1Page - Maxim Integrated Products MAX14921 Datasheet HTML 2Page - Maxim Integrated Products MAX14921 Datasheet HTML 3Page - Maxim Integrated Products MAX14921 Datasheet HTML 4Page - Maxim Integrated Products MAX14921 Datasheet HTML 5Page - Maxim Integrated Products MAX14921 Datasheet HTML 6Page - Maxim Integrated Products MAX14921 Datasheet HTML 7Page - Maxim Integrated Products MAX14921 Datasheet HTML 8Page - Maxim Integrated Products MAX14921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MaximIntegrated│ 5
MAX14921 Evaluation Kit
Evaluates: MAX14921
www.maximintegrated.com
Ensure that both files the application (“MAX14921 Eval
PCB” and the DLL “msvcr100.dll”) are in the same
folder. Navigate to the folder with the files and select the
“MAX14921 Eval PCB” application. Double-click on it to
run the application. See Figure 2.
If I have the files on a separate drive, do I need to
move these files to my PC? If you have the files on a
USB memory device, there is no need to move them. As
long as the two files remain in the same folder, the applica-
tion runs anywhere, including from a USB memory device.
Does the application install a driver on my PC? No,
it does not. The application needs no drivers other than
those built into Windows.
Oncetheapplicationisrunning,youshouldseeawindow
similar to the one in Figure 3. Most of the data items are
blank and are automatically filled in when the application
detects an EV kit attached to any USB port on the computer.
Step 3: Attach the EV Kit to the PC
Use the USB cable to attach the EV kit to the PC. The
correct USB connector on the EV kit is labeled P102, and
isnearthetopleftofthePCB,underS101,RESET.
LED103,totheleftoftheisolationtransformerglowsred
when the EV kit is properly powered (see Figure 4). Also,
LED102, towards the middle of the PCB, blinks green
when the microprocessor is running the firmware.
OnceyouhavecorrectlyattachedtheEVkittothePC,the
application automatically starts reporting cell voltage data.
Detailed Description of Hardware
The MAX14921 EV kit is a fully assembled and tested cir-
cuit board demonstrating the capabilities of the MAX14921
high-accuracy 16-cell battery management AFE IC in an
80-pin surface-mount TQFP package. This EV kit works
withaPC-basedGUIdemonstratingallthemajorfeatures
of the device. The EV kit also features a MAX6126 preci-
sion voltage reference and a MAX11163 16-bit, 500ksps
serial ADC. The MAX14921 and the analog portion of the
ADC are powered by the battery cell stack. All other EV kit
circuits are powered from the USB interface.
Ensure that the total cell stack voltage does not
exceed 65V. Reduce the number of cells in the stack,
if needed, to keep to 65V or lower.
Figure 3. MAX14921 EV Kit GUI
Figure 4. MAX14921 EV Kit Attachment
ATTACH
TO PC HERE


Similar Part No. - MAX14921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14921 MAXIM-MAX14921 Datasheet
1Mb / 29P
   High-Accuracy 12-/16-Cell Measurement AFEs
Rev 0; 10/12
MAX14921ECS++ MAXIM-MAX14921ECS+ Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
More results

Similar Description - MAX14921

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
Shenzhen Huazhimei Semi...
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
   single-cell lithium battery charge management chip
HM5061 HMSEMI-HM5061 Datasheet
1Mb / 11P
   Single-cell 2.5A switching lithium battery management
logo
Microchip Technology
MCP7383X MICROCHIP-MCP7383X Datasheet
616Kb / 20P
   Li-Ion System Power Path Management Reference Design
01/02/08
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
   16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
logo
AiT Semiconductor Inc.
A4004 AITSEMI-A4004 Datasheet
868Kb / 11P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.1
A4059A AITSEMI-A4059A Datasheet
360Kb / 8P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
A4002 AITSEMI-A4002 Datasheet
699Kb / 12P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com